Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3535 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3535
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535 Datasheet(HTML) 1 Page - Texas Instruments

  LM3535 Datasheet HTML 1Page - Texas Instruments LM3535 Datasheet HTML 2Page - Texas Instruments LM3535 Datasheet HTML 3Page - Texas Instruments LM3535 Datasheet HTML 4Page - Texas Instruments LM3535 Datasheet HTML 5Page - Texas Instruments LM3535 Datasheet HTML 6Page - Texas Instruments LM3535 Datasheet HTML 7Page - Texas Instruments LM3535 Datasheet HTML 8Page - Texas Instruments LM3535 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM3535
D1A D2A D3A D4A
D53
I
2C
Control
Signals
D1B/
INT
SDIO
1µF
1µF
1µF
1µF
GND
D62
C1+
C1-
C2+
C2-
SCL
D1C/
ALS
HWEN
GROUP A
GROUP B
GROUP C
PWM
O
R
VIO
VIN
VOUT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic
Backlight Control Compatibility
1
1 Features
1
•
Drives Up to 8 LEDs Each With Up to 25 mA of
Diode Current
•
External PWM Input for Dynamic Backlight Control
•
Multi-Zone Ambient Light Sensing (ALS)
•
ALS Interrupt Reporting
•
Independent On/Off Control for All Current Sinks
•
128 Exponential Dimming Steps With 600:1
Dimming Ratio for Group A (Up to 6 LEDs)
•
8 Linear Dimming States for Groups B (Up to 3
LEDs) and D1C (1 LED)
•
Programmable Auto-Dimming Function
•
Up to 90% Efficiency
•
0.55% Accurate Current Matching
•
Wide Input Voltage Range (2.7 V to 5.5 V)
•
Active High Hardware Enable
•
Total Solution Size < 16 mm2
•
Low Profile 20-Pin DSBGA Package
2 Applications
•
Smart-Phone LED Backlighting
•
Large Format LCD Backlighting
•
General LED Lighting
3 Description
The LM3535 device is a highly integrated LED driver
capable of driving 8 LEDs in parallel for large display
applications.
Independent
LED
control
allows
selection of a subset of the 6 main display LEDs for
partial-illumination applications. In addition to the
main bank of 6, the LM3535 is capable of driving an
additional 2 independently controlled LEDs to support
Indicator applications.
The LED driver current sinks are split into three
independently controlled groups. The primary group
can be configured to drive up to six LEDs for use in
the main phone display. Groups B and C are
provided for driving secondary displays, keypads and
indicator LEDs. All of the LED current sources can be
independently turned on and off providing flexibility to
address different application requirements.
The
LM3535
provides
multi-zone
ambient
light
sensing
allowing
autonomous
backlight
intensity
control in the event of changing ambient light
conditions. A PWM input is also provided to give the
user the means to adjust the backlight intensity
dynamically based upon the content of the display.
The LM3535 provides excellent efficiency without the
use of an inductor by operating the charge pump in a
gain of 3/2 or in pass mode. The proper gain for
maintaining current regulation is chosen, based on
LED forward voltage, so that efficiency is maximized
over the input voltage range.
The LM3535 is available in a tiny 20-pin, 0.4-mm
pitch, thin DSBGA package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3535
DSBGA (20)
2.045 mm × 1.64 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - LM3535

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3535 NSC-LM3535 Datasheet
734Kb / 26P
Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
logo
Texas Instruments
LM3535 TI1-LM3535 Datasheet
1Mb / 34P
Multi-Display LED Driver
logo
National Semiconductor ...
LM3535TME NSC-LM3535TME Datasheet
734Kb / 26P
Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
LM3535TME-2ALS NSC-LM3535TME-2ALS Datasheet
734Kb / 26P
Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
logo
Texas Instruments
LM3535TME/NOPB TI1-LM3535TME/NOPB Datasheet
1Mb / 34P
Multi-Display LED Driver
More results

Similar Description - LM3535

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5501 AD-ADP5501 Datasheet
1Mb / 28P
Programmable Current Backlight Driver with Ambient Light Sensor Input
REV. 0
logo
ON Semiconductor
NCP5021 ONSEMI-NCP5021 Datasheet
357Kb / 17P
High Voltage White LED Driver with Ambient Light Sensing
May, 2009 ??Rev. 0
logo
National Semiconductor ...
LM3535 NSC-LM3535 Datasheet
734Kb / 26P
Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
LM3464 NSC-LM3464_10 Datasheet
523Kb / 22P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3530 NSC-LM3530 Datasheet
331Kb / 4P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C Compatible Interface
logo
Everlight Electronics C...
APS-16D25-11-DF8-TR8 EVERLIGHT-APS-16D25-11-DF8-TR8 Datasheet
679Kb / 14P
Ambient light sensing
logo
Texas Instruments
LM3532 TI1-LM3532 Datasheet
1Mb / 45P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464 TI1-LM3464 Datasheet
1Mb / 33P
LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
OSRAM GmbH
SFH2200FAA01 OSRAM-SFH2200FAA01 Datasheet
993Kb / 17P
Remote Control, Proximity, Ambient Light Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com