Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM94021 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM94021
Description  LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM94021 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM94021 Datasheet HTML 8Page - Texas Instruments LM94021 Datasheet HTML 9Page - Texas Instruments LM94021 Datasheet HTML 10Page - Texas Instruments LM94021 Datasheet HTML 11Page - Texas Instruments LM94021 Datasheet HTML 12Page - Texas Instruments LM94021 Datasheet HTML 13Page - Texas Instruments LM94021 Datasheet HTML 14Page - Texas Instruments LM94021 Datasheet HTML 15Page - Texas Instruments LM94021 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
(-5.50 mV /
oC) u
V =
T + 1035 mV
(-5.50 mV /
oC) u
V - 925 mV =
(T - 20
oC)
760 mV - 925 mV
50
oC - 20oC
u
¹
·
V - 925 mV =
(T - 20
oC)
V2 - V1
T2 - T1
u
¹
·
V - V1 =
(T - T1)
2
TEMP
2
2
TEMP
2
2
TEMP
2
TEMP
mV
mV
J2,G00 : V
mV = 870.6mV - 5.506
T - 30°C - 0.00176
T - 30°C
°C
°C
mV
mV
J3,G01 : V
mV = 1324.0mV - 8.194
T - 30°C - 0.00262
T - 30°C
°C
°C
mV
mV
J4,G10 : V
mV = 1777.3mV - 10.888
T - 30°C - 0.00347
T - 30°C
°C
°C
J5,G11 : V
mV = 2230.8mV
2
2
mV
mV
- 13.582
T - 30°C - 0.00433
T - 30°C
°C
°C
LM94021
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
www.ti.com
Table 2. LM94021 Transfer Table (continued)
TEMPERATURE
GS = 00
GS = 01
GS = 10
GS = 11
(°C)
(mV)
(mV)
(mV)
(mV)
129
308
487
665
843
130
302
478
653
829
131
296
469
642
814
132
291
460
630
800
133
285
452
618
786
134
279
443
607
771
135
273
434
595
757
136
267
425
584
742
137
261
416
572
728
138
255
408
560
713
139
249
399
549
699
140
243
390
537
684
141
237
381
525
670
142
231
372
514
655
143
225
363
502
640
144
219
354
490
626
145
213
346
479
611
146
207
337
467
597
147
201
328
455
582
148
195
319
443
568
149
189
310
432
553
150
183
301
420
538
Although the LM94021 is very linear, its response does have a slight umbrella's parabolic shape. This shape is
very accurately reflected in the LM94021 Transfer Table. The Transfer Table can be calculated by using the
parabolic equation.
(1)
For a linear approximation, a line can easily be calculated over the desired temperature range from the Table
using the two-point equation:
(2)
Where V is in mV, T is in °C, T1 and V1 are the coordinates of the lowest temperature, T2 and V2 are the
coordinates of the highest temperature.
For example, if we want to determine the equation of a line with the Gain Setting at GS1 = 0 and GS0 = 0, over a
temperature range of 20°C to 50°C, we would proceed as follows:
(3)
(4)
(5)
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM94021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com