Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM94021 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM94021
Description  LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM94021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM94021 Datasheet HTML 9Page - Texas Instruments LM94021 Datasheet HTML 10Page - Texas Instruments LM94021 Datasheet HTML 11Page - Texas Instruments LM94021 Datasheet HTML 12Page - Texas Instruments LM94021 Datasheet HTML 13Page - Texas Instruments LM94021 Datasheet HTML 14Page - Texas Instruments LM94021 Datasheet HTML 15Page - Texas Instruments LM94021 Datasheet HTML 16Page - Texas Instruments LM94021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
[
]
TJ = TA + TJA (VDDIQ) + (VDD - VO) IL
LM94021
www.ti.com
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
Using this method of linear approximation, the transfer function can be approximated for one or more
temperature ranges of interest.
MOUNTING AND THERMAL CONDUCTIVITY
The LM94021 can be applied easily in the same way as other integrated-circuit temperature sensors. It can be
glued or cemented to a surface.
To ensure good thermal conductivity, the backside of the LM94021 die is directly attached to the GND pin (Pin
2). The temperatures of the lands and traces to the other leads of the LM94021 will also affect the temperature
reading.
Alternatively, the LM94021 can be mounted inside a sealed-end metal tube, and can then be dipped into a bath
or screwed into a threaded hole in a tank. As with any IC, the LM94021 and accompanying wiring and circuits
must be kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may operate
at cold temperatures where condensation can occur. If moisture creates a short circuit from the output to ground
or VDD, the output from the LM94021 will not be correct. Printed-circuit coatings are often used to ensure that
moisture cannot corrode the leads or circuit traces.
The thermal resistance junction to ambient (
θJA) is the parameter used to calculate the rise of a device junction
temperature due to its power dissipation. The equation used to calculate the rise in the LM94021's die
temperature is
(6)
where TA is the ambient temperature, IQ is the quiescent current, IL is the load current on the output, and VO is
the output voltage. For example, in an application where TA = 30°C, VDD = 5 V, IDD = 9 μA, Gain Select = 11,
VOUT = 2.231 mV, and IL = 2 μA, the junction temperature would be 30.021°C, showing a self-heating error of
only 0.021°C. Since the LM94021's junction temperature is the actual temperature being measured, care should
be taken to minimize the load current that the LM94021 is required to drive. Table 3 shows the thermal
resistance of the LM94021.
Table 3. LM94021 Thermal Resistance
DEVICE NUMBER
PACKAGE NUMBER
THERMAL RESISTANCE (
θJA)
LM94021BIMG
DCK0005A
415°C/W
NOISE CONSIDERATIONS
The LM94021 has excellent noise rejection (the ratio of the AC signal on VOUT to the AC signal on VDD). During
bench tests, sine wave rejection of
−54 dB or better was observed over 200 Hz to 10 kHz; Also, −28 dB or better
was observed from 10 kHz to 1 MHz. A load capacitor on the output can help filter noise; for example, a 1 nF
load capacitor resulted in
−51 dB or better from 200 Hz to 1 MHz.
There is no specific requirement for the use of a bypass capacitor close to the LM94021 because it does not
draw transient currents. For operation in very noisy environments, some bypass capacitance may be required.
The capacitance does not need to be in close proximity to the LM94021. The LM94021 has been bench tested
successfully with a bypass capacitor as far as 6 inches away. In fact, it can be powered by a properly-bypassed
logic gate.
CAPACITIVE LOADS
The LM94021 handles capacitive loading well. In an extremely noisy environment, or when driving a switched
sampling input on an ADC, it may be necessary to add some filtering to minimize noise coupling. Without any
precautions, the LM94021 can drive a capacitive load less than or equal to 1100 pF as shown in Figure 14. For
capacitive loads greater than 1100 pF, a series resistor may be required on the output, as shown in Figure 15.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM94021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com