Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0366 Datasheet(PDF) 18 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 14Page - Texas Instruments LMH0366 Datasheet HTML 15Page - Texas Instruments LMH0366 Datasheet HTML 16Page - Texas Instruments LMH0366 Datasheet HTML 17Page - Texas Instruments LMH0366 Datasheet HTML 18Page - Texas Instruments LMH0366 Datasheet HTML 19Page - Texas Instruments LMH0366 Datasheet HTML 20Page - Texas Instruments LMH0366 Datasheet HTML 21Page - Texas Instruments LMH0366 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
0x12
0x02
0
MOSI
(host)
R/W
Addr
Data
(Device 3)
0x01
0xFF
1
R/W
Addr
Data
(Device 2)
0x13
0x50
0
R/W
Addr
Data
(Device 1)
XX
X
XX
XX
X
XX
XX
X
MISO
(host)
0x7F
0xFF
1
R/W
Addr
Data
(Device 3)
0x7F
0xFF
1
R/W
Addr
Data
(Device 2)
0x7F
0xFF
1
R/W
Addr
Data
(Device 1)
0x12
0x02
0
0x01
0x20
1
0x13
0x50
0
48-bit SPI Transaction #1
48-bit SPI Transaction #2
XX
SS
(host)
SCK
(host)
16xN clocks
Device N-1
Read Data
Device 1
Read Data
Device N
Read Data
MOSI
(host)
'21¶7 &$5(
SPI Read Data
16xN clocks
³16x1´
³16x1´
³16x1´
Device N
Read Data
Device N-1
Read Data
Device 1
Read Data
SPI Read Data
MISO
(host)
A6 A5 A4 A3 A2 A1 A0
1
³8x1´
A6 A5 A4 A3 A2 A1
1
A0 D7 D6 D5 D4
D2 D1 D0
D3
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
Figure 8. SPI Daisy-Chain Read
SPI Daisy-Chain Read and Write Example
The following example further clarifies LMH0366 SPI daisy-chain operation. Assume a daisy-chain of three
LMH0366 devices (Device 1, Device 2, and Device 3), with Device 1 as the first device in the chain and Device 3
as the last device in the chain, as shown by the first three devices in Figure 6. Since there are three devices in
the daisy-chain, each SPI transaction is 48-bits long.
This example shows an SPI operation combining SPI reads and writes in order to accomplish the following three
tasks:
1. Write 0x02 to register 0x12 of Device 1 in order to set the output swing of both SDO0 and SDO1 to 400 mVP-
P.
2. Read the contents of register 0x01 of Device 2.
3. Write 0x50 to register 0x13 of Device 3 in order to set the output de-emphasis of both SDO0 and SDO1 to 3
dB.
Figure 9 shows the two 48-bit SPI transactions required to complete these tasks (the bits are shifted in left to
right).
Figure 9. SPI Daisy-Chain Read and Write Example
The following occurs at the end of the first transaction:
1. Write 0x02 to register 0x12 of Device 1.
2. Latch the data from register 0x01 of Device 2.
3. Write 0x50 to register 0x13 of Device 3.
In the second transaction, three dummy reads (each consisting of 16 “1”s) are shifted in, and the read data from
Device 2 (with value 0x20) appears on MISO in the 25th through 32nd clock cycles.
18
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com