Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0366 Datasheet(PDF) 31 Page - Texas Instruments

Part # LMH0366
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LMH0366 Datasheet HTML 27Page - Texas Instruments LMH0366 Datasheet HTML 28Page - Texas Instruments LMH0366 Datasheet HTML 29Page - Texas Instruments LMH0366 Datasheet HTML 30Page - Texas Instruments LMH0366 Datasheet HTML 31Page - Texas Instruments LMH0366 Datasheet HTML 32Page - Texas Instruments LMH0366 Datasheet HTML 33Page - Texas Instruments LMH0366 Datasheet HTML 34Page - Texas Instruments LMH0366 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
Table 8. SPI Registers (continued)
Addr
Name
Bits
Field
R/W
Default
Description
(hex)
(binary)
39
PPM Threshold Control
7:0
PTCR12
R/W
00011100
270 Mbps high threshold, bits
12
7:0.
3A
PPM Threshold Control
7:0
PTCR13
R/W
11011110
125 Mbps low threshold, bits
13
15:8.
3B
PPM Threshold Control
7:0
PTCR14
R/W
00011111
125 Mbps low threshold, bits 7:0.
14
3C
PPM Threshold Control
7:0
PTCR15
R/W
11011110
125 Mbps high threshold, bits
15
15:8.
3D
PPM Threshold Control
7:0
PTCR16
R/W
01010011
125 Mbps high threshold, bits
16
7:0.
3E
PPM Timer Control 1
7:4
RSVD
R/W
0000
Reserved.
3:0
PPM_TIMER[11:8]
R/W
1100
PPM reference clock timer, bits
11:8. This field, along with
register 0x3F bits 7:0, comprise a
12-bit value corresponding to the
number of reference clock cycles
in which to count VCO/12 clock
cycles (the measurement period).
3F
PPM Timer Control 1
7:0
PPM_TIMER[7:0]
R/W
00000000
PPM reference clock timer, bits
7:0. This field, along with register
0x3E bits 3:0, comprise a 12-bit
value corresponding to the
number of reference clock cycles
in which to count VCO/12 clock
cycles (the measurement period).
40
Reserved
7:0
RSVD
R/W
00000000
Reserved.
41
PPM Status
7:4
RSVD
R
0000
Reserved.
3
REF_CLK_DET
R
Reference clock detected.
0: No external reference clock
detected or reference clock
detector disabled.
1: External reference clock
detected.
2
RATE_1_OV_M
R
1 over M rate detect.
0: 1 over M rate not detected.
1: 1.485/1.001 or 2.970/1.001
Gbps rate detected.
1
PPM_CNT_MET
R
PPM count in range. When
register 0x41 bit 0
(PPM_CNT_RDY) is set, this bit
indicates that the current PPM
count measurement was in range
of one of the four valid bands
configured in the PTCR registers.
0
PPM_CNT_RDY
R
PPM count ready. Indicates the
completion of a PPM count
measurement.
0: PPM count measurement not
ready or PPM counter disabled.
1: PPM count measurement
complete.
42
PPM Count Status 1
7:0
PPM_COUNT[15:8]
R
PPM cycle count, bits 15:8. This
field, along with register 0x43 bits
7:0, comprise a 16-bit value
corresponding to the number of
VCO/12 clock cycles in the
current PPM count
measurement.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com