Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5524 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP5524
Description  LP5524 Four-Channel LED Driver With Dual-PWM Brightness Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5524 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5524 Datasheet HTML 4Page - Texas Instruments LP5524 Datasheet HTML 5Page - Texas Instruments LP5524 Datasheet HTML 6Page - Texas Instruments LP5524 Datasheet HTML 7Page - Texas Instruments LP5524 Datasheet HTML 8Page - Texas Instruments LP5524 Datasheet HTML 9Page - Texas Instruments LP5524 Datasheet HTML 10Page - Texas Instruments LP5524 Datasheet HTML 11Page - Texas Instruments LP5524 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
LP5524
SNVS500C – JULY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5524
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 LED Outputs
If more than 25 mA of output current is required LED outputs can be connected parallel. Connecting LED outputs
of different group parallel generates a simply two stage brightness control. With IDX set to 25 mA, enabling one
group sets the LED current to 25 mA. Enabling second bank increases the LED current to 50 mA. Unused LED
outputs can be left floating or tied to VIN.
7.3.4 PWM Brightness Control
The brightness of LEDs can be linearly varied from zero up to the maximum programmed current level by
applying a pulse–width–modulated signal to the ENx pin of the LP5524. The following procedures illustrate how
to program the LED drive current and adjust the output current level using a PWM signal.
1. Determine the maximum desired LED current. Use Equation 1 to calculate RISET.
2. Brightness control can be implemented by pulsing a signal at the ENx pin. LED brightness is proportional to
the duty cycle (D) of the PWM signal.
For linear brightness control over the full duty cycle adjustment range, the LP5524 uses a special turnoff time
delay to compensate the turn–on time of the device.
If the PWM frequency is much less than 100 Hz, flicker may be seen in the LEDs. For the LP5524, zero duty
cycle turns off the LEDs and a 50% duty cycle results in an average IDX being half of the programmed LED
current. For example, if RISET is set to program LED current to 15 mA, a 50% duty cycle results in an average IDX
of 7.5mA.
7.4 Device Functional Modes
7.4.1 Enable Mode
The LP5524 has four constant current LED outputs, which are split into two independently controlled banks.
Each bank has its own enable input. ENA is used to control bank A and ENB is used to control bank B. Both
enables are active high and have internal pulldown resistors. When both enables are low part is in low power
standby mode. Driving either enable high activates the device and corresponding LED outputs.
7.4.2 ISET Pin
An external resistor (RISET) connected to ISET pin sets the output current of all the LEDs. The internal current
mirror sets the LEDs output current with a 416:1 ratio to the current through RISET. Equation 1 approximates the
LED current:
IDX = 515 / RISET (Amps)
(1)
The use of RISET is optional. If RISET is not used the ISET pin can be left floating or connected to VIN. In these
cases LED current is set to default current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com