Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5524 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP5524
Description  LP5524 Four-Channel LED Driver With Dual-PWM Brightness Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5524 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5524 Datasheet HTML 6Page - Texas Instruments LP5524 Datasheet HTML 7Page - Texas Instruments LP5524 Datasheet HTML 8Page - Texas Instruments LP5524 Datasheet HTML 9Page - Texas Instruments LP5524 Datasheet HTML 10Page - Texas Instruments LP5524 Datasheet HTML 11Page - Texas Instruments LP5524 Datasheet HTML 12Page - Texas Instruments LP5524 Datasheet HTML 13Page - Texas Instruments LP5524 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
LP5524
SNVS500C – JULY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5524
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
8.2.2.1 Recommended External Components
8.2.2.1.1
Input Capacitor, CIN
Although not required for normal operation, a capacitor can be added to VIN to reduce line noise. TI recommends
using a surface-mount multi-layer ceramic capacitor (MLCC). MLCCs with a X7R or X5R temperature
characteristic are preferred.
Table 2. List Of Recommended External Components
PARAMETER
VALUE
UNIT
TYPE
CIN
VDD bypass capacitor
100
nF
Ceramic, X7R or X5R
RISET
Current set resistor for 15.9-mA LED current
32.4
k
Ω
1%
LEDs
User defined
8.2.2.1.2
Current Set Resistor, RISET
If other than 5 mA current is required, RISET resistor can be used to adjust the current. For a 15.9-mA current a
32.4 k
Ω resistor is required. Accuracy of the resistor directly effects to the accuracy of the LED current. TI
recommends accuracy of 1% or better.
IDX = 515 / RISET (Amps)
(2)
Table 3. Recommended E96 Series (1% Tolerance) Current Set Resistors
RISET (kΩ)
IDX (mA)
RISET (kΩ)
IDX (mA)
169
3.0
34.0
15.1
127
4.1
32.4
15.9
102
5.0
30.1
17.1
84.5
6.1
28.7
17.9
73.2
7.0
26.7
19.3
64.9
7.9
25.5
20.2
56.2
9.2
24.3
21.2
51.1
10.1
23.2
22.2
46.4
11.1
22.1
23.3
42.2
12.2
21.5
24.0
39.2
13.1
20.5
25.1
36.5
14.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com