Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5524 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP5524
Description  LP5524 Four-Channel LED Driver With Dual-PWM Brightness Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5524 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5524 Datasheet HTML 7Page - Texas Instruments LP5524 Datasheet HTML 8Page - Texas Instruments LP5524 Datasheet HTML 9Page - Texas Instruments LP5524 Datasheet HTML 10Page - Texas Instruments LP5524 Datasheet HTML 11Page - Texas Instruments LP5524 Datasheet HTML 12Page - Texas Instruments LP5524 Datasheet HTML 13Page - Texas Instruments LP5524 Datasheet HTML 14Page - Texas Instruments LP5524 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
LP5524
www.ti.com
SNVS500C – JULY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5524
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.2.3 Application Curves
Figure 6. PWM Response (Both Channels)
Figure 7. PWM Response (Single Channel)
9 Power Supply Recommendations
The LP5524 is designed to operate from an input supply range of 2.7 V to 5.5 V. This input supply must be well
regulated and able to provide the peak current required by the LED configuration without voltage drop under load
transients (enable on/off). The resistance of the input supply rail must be low enough such that the input current
transient does not cause the LP5524 supply voltage to droop below 2.65 V. Additional bulk decoupling located
close to the VIN pin may be required to minimize the impact of the input-supply-rail resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com