Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA32613TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA32613TR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32613TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA32613TR Datasheet HTML 3Page - STMicroelectronics STA32613TR Datasheet HTML 4Page - STMicroelectronics STA32613TR Datasheet HTML 5Page - STMicroelectronics STA32613TR Datasheet HTML 6Page - STMicroelectronics STA32613TR Datasheet HTML 7Page - STMicroelectronics STA32613TR Datasheet HTML 8Page - STMicroelectronics STA32613TR Datasheet HTML 9Page - STMicroelectronics STA32613TR Datasheet HTML 10Page - STMicroelectronics STA32613TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7/43
STA326
5
FUNCTIONAL DESCRIPTION
5.1 PIN DESCRIPTION
5.1.1
OUT1A, 1B, 2A & 2B (Pins 16, 10, 9 & 3)
Output Half Bridge PWM Outputs 1A, 1B, 2A & 2B provide the inputs signals to the speaker devices.
Half Bridge Power Outputs 1A, 1B, 2A & 2B deliver audio power to the speaker loads. Using DDX stereo
configuration mode, outputs 1A (+) and 1B (-) comprise Channel 1 and outputs 2A (+) and 2B (-) comprise
Channel 2. Using binary 2.1 channel configuration mode, output 1A is for Channel 1 and output 1B is for
Channel 2 and outputs 2A (+) and 2B (-) comprise Channel 3. Using DDX mono-high power output mode
(Config connected to VREG1), outputs 1A and 1B are shorted (+) and outputs 2A and 2B are shorted (-)
comprising a single BTL output with twice output current capability for Channel 3.
5.1.2
RESET (Pin 22)
Driving RESET low sets all outputs low and returns all register settings to their defaults. The reset is asyn-
chronous to the internal clock.
5.1.3
I2C Signals (Pins 23 & 24)
The SDA (I2C Data) and SCL (I2C Clock) pins operate per the I2C specification. See Section 4.0. Fast-
mode (400kB/sec) I2C communication is supported.
5.1.4
GNDA & VDDA: Phase Locked Loop Power (Pins 28-29)
The phase locked loop power is applied here. This +3.3V supply must be well bypassed and filtered for
noise immunity. The audio performance of the device is critically dependent upon the PLL circuit.
5.1.5
CLK: Master Clock In (Pin 27)
This is the master clock in required for the operation of the digital core. The master clock must be an in-
teger multiple of the LR clock frequency. Typically, the master clock frequency is 12.288 MHz (256*Fs) for
a 48kHz sample rate, which is the default at power-up. Care must be taken to avoid over-clocking the
device i.e provide the device with the nominally required system clock; otherwise, the device may not prop-
erly operate or be able to communicate.
5.1.6
FILTER_PLL: PLL Filter (Pin 26)
PLL Filter connects to external filter components for PLL loop compensation. Refer to the schematic dia-
gram for the recommended circuit.
5.1.7
BICKI: Bit Clock In (Pin 32)
The serial or bit clock input is for framing each data bit. The bit clock frequency is typically 64*Fs, for ex-
ample using I2S serial format.
5.1.8
SDI_12: Serial Data Input (Pin 30)
PCM audio information enters the device here. Six format choices are available including I2S, left- or right-
justified, LSB or MSB first, with word widths of 16, 18, 20 and 24 bits.
5.1.9
CONFIG: Configuration input (Pin 21)
The configuration input pin is normally connected to ground. Using the mono-high power BTL configura-
tion requires the CONFIG input pin be shorted to VREG1.
5.1.10 LRCKI: Left/Right Clock In (Pin 31)
The Left/Right clock input is for data word framing. The clock frequency will be at the input sample rate Fs.
5.2 AUDIO PERFORMANCE
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com