Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA32613TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA32613TR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32613TR Datasheet(HTML) 4 Page - STMicroelectronics

  STA32613TR Datasheet HTML 1Page - STMicroelectronics STA32613TR Datasheet HTML 2Page - STMicroelectronics STA32613TR Datasheet HTML 3Page - STMicroelectronics STA32613TR Datasheet HTML 4Page - STMicroelectronics STA32613TR Datasheet HTML 5Page - STMicroelectronics STA32613TR Datasheet HTML 6Page - STMicroelectronics STA32613TR Datasheet HTML 7Page - STMicroelectronics STA32613TR Datasheet HTML 8Page - STMicroelectronics STA32613TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
STA326
4/43
3
Pin Function and Specifications
Figure 8. Pin Connection (Top view)
Table 2. Pin Function
Pin
Type
Name
Description
1, 2, 5, 14
N.C.
Not Connected
3
O
OUT2B
Output half bridge 2B
4
I/O
VCC2B
Positive supply
6
I/O
GND2B
Negative Supply
7
I/O
GND2A
Negative Supply
8
I/O
VCC2A
Positive supply
9
O
OUT2A
Output half bridge 2A
10
O
OUT1B
Output half bridge 1B
11
I/O
VCC1B
Positive supply
12
I/O
GND1B
Negative Supply
13
I/O.
GND1A
Negative Supply
15
I/O
VCC1A
Positive supply
16
O
OUT1A
Output half bridge 1A
17
I/O
GNDCLEAN
Logic reference ground
18
I/O
GNDREG
Substrate ground
19
I/O
VREG1
Internal +5V regulator voltage
20
I/O
VL
Digital Supply 3.3V
21
I
CONFIG
Configuration pin (mono parallel)
22
I
RESET
Reset
23
I
SCL
I²C Serial Clock
24
I/O
SDA
I²C Serial Data
25
RES
Reserved
This pin must be connected to GND
26
I
PLL FILTER
Connection to PLL filter
27
I
XTI
PLL Input Clock
28
I/O
GNDA
Analog Ground
29
I/O
VDDA
Analog Supply 3.3
30
I
SDI_12
I²S Serial Data Channels 1 & 2
31
I/O
LRCKI
I²S Left/Right Clock,
32
I
BICKI
I²S Serial Clock
33
I/O
GND
Digital Ground
34
I/O
VDD
Digital Supply 3.3V
35
I/O
VSS
Internal - 5V (Relative to Vcc)
36
I/O
VCCSIGN
Internal signal supply
N.C.
N.C.
OUT2B
VCC2B
GND1A.
VCC1A
N.C.
OUT1A
GNDCLEAN
VL
CONFIG
RESET
SDA
SCL
GND
VDD
VSS
VCCSign
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
GND REG
VDD REG
D04AU1540
OUT1B
GND1B
VCC1B
RES
XTI
PLL FILTER
9
8
7
28
29
30
OUT2A
GNDA
10
27
N.C.
VCC2A
GND2A
VDDA
BICKI
SDI
14
12
11
23
25
26
GND2B
LRCKI
13
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com