Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA32613TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA32613TR
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32613TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA32613TR Datasheet HTML 29Page - STMicroelectronics STA32613TR Datasheet HTML 30Page - STMicroelectronics STA32613TR Datasheet HTML 31Page - STMicroelectronics STA32613TR Datasheet HTML 32Page - STMicroelectronics STA32613TR Datasheet HTML 33Page - STMicroelectronics STA32613TR Datasheet HTML 34Page - STMicroelectronics STA32613TR Datasheet HTML 35Page - STMicroelectronics STA32613TR Datasheet HTML 36Page - STMicroelectronics STA32613TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
33/43
STA326
8.6 USER DEFINED COEFFICIENT RAM
8.6.1
Coefficient Address Register 1 (Address 16h)
8.6.2
Coefficient b1Data Register Bits 23...16 (Address 17h)
8.6.3
Coefficient b1Data Register Bits 15...8 (Address 18h)
8.6.4
Coefficient b1Data Register Bits 7...0 (Address 19h)
8.6.5
Coefficient b2 Data Register Bits 23...16 (Address 1Ah)
8.6.6
Coefficient b2 Data Register Bits 15...8 (Address 1Bh)
8.6.7
Coefficient b2 Data Register Bits 7...0 (Address 1Ch)
8.6.8
Coefficient a1 Data Register Bits 23...16 (Address 1Dh)
D7
D6
D5
D4
D3
D2
D1
D0
CFA7
CFA6
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
0
0000
000
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
00000000
D7
D6
D5
D4
D3
D2
D1
D0
C1B15
C1B14
C1B13
C1B12
C1B11
C1B10
C1B9
C1B8
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B7
C1B6
C1B5
C1B4
C1B3
C1B2
C1B1
C1B0
0
0000
000
D7
D6
D5
D4
D3
D2
D1
D0
C2B23
C2B22
C2B21
C2B20
C2B19
C2B18
C2B17
C2B16
00000000
D7
D6
D5
D4
D3
D2
D1
D0
C2B15
C2B14
C2B13
C2B12
C2B11
C2B10
C2B9
C2B8
000
000
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C2B7
C2B6
C2B5
C2B4
C2B3
C2B2
C2B1
C2B0
0
0000
000
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com