Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA452FA/500 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA452FA/500
Description  80V, 50mA OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA452FA/500 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA452FA/500 Datasheet HTML 12Page - Texas Instruments OPA452FA/500 Datasheet HTML 13Page - Texas Instruments OPA452FA/500 Datasheet HTML 14Page - Texas Instruments OPA452FA/500 Datasheet HTML 15Page - Texas Instruments OPA452FA/500 Datasheet HTML 16Page - Texas Instruments OPA452FA/500 Datasheet HTML 17Page - Texas Instruments OPA452FA/500 Datasheet HTML 18Page - Texas Instruments OPA452FA/500 Datasheet HTML 19Page - Texas Instruments OPA452FA/500 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
OPA453TA
KC
TO-220
7
50
532.13
34.54
13340
NA
OPA453TA-1
KVT
TO-220
7
50
532.13
34.54
13340
NA
OPA453TA-1.A
KVT
TO-220
7
50
532.13
34.54
13340
NA
OPA453TA.A
KC
TO-220
7
50
532.13
34.54
13340
NA
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com