Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA452FA/500 Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA452FA/500
Description  80V, 50mA OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA452FA/500 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA452FA/500 Datasheet HTML 12Page - Texas Instruments OPA452FA/500 Datasheet HTML 13Page - Texas Instruments OPA452FA/500 Datasheet HTML 14Page - Texas Instruments OPA452FA/500 Datasheet HTML 15Page - Texas Instruments OPA452FA/500 Datasheet HTML 16Page - Texas Instruments OPA452FA/500 Datasheet HTML 17Page - Texas Instruments OPA452FA/500 Datasheet HTML 18Page - Texas Instruments OPA452FA/500 Datasheet HTML 19Page - Texas Instruments OPA452FA/500 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
MECHANICAL DATA
MSOT010 – OCTOBER 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
KC (R-PSFM-T7)
PLASTIC FLANGE-MOUNT PACKAGE
4040251 / B 01/95
0.420 (10,67)
0.055 (1,40)
0.335 (8,51)
0.030 (0,76)
0.026 (0,66)
0.380 (9,65)
0.325 (8,25)
0.045 (1,14)
0.113 (2,87)
0.103 (2,62)
0.146 (3,71)
0.156 (3,96)
0.122 (3,10)
0.102 (2,59)
DIA
(see Note C)
0.125 (3,18)
0.137 (3,48)
0.147 (3,73)
1.020 (25,91)
1.000 (25,40)
0.175 (4,46)
0.185 (4,70)
17
0.050 (1,27)
0.300 (7,62)
0.025 (0,64)
0.012 (0,30)
M
0.010 (0,25)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Lead dimensions are not controlled within this area.
D. All lead dimensions apply before solder dip.
E. The center lead is in electrical contact with the mounting tab.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com