Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA452FA/500 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA452FA/500
Description  80V, 50mA OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA452FA/500 Datasheet(HTML) 1 Page - Texas Instruments

  OPA452FA/500 Datasheet HTML 1Page - Texas Instruments OPA452FA/500 Datasheet HTML 2Page - Texas Instruments OPA452FA/500 Datasheet HTML 3Page - Texas Instruments OPA452FA/500 Datasheet HTML 4Page - Texas Instruments OPA452FA/500 Datasheet HTML 5Page - Texas Instruments OPA452FA/500 Datasheet HTML 6Page - Texas Instruments OPA452FA/500 Datasheet HTML 7Page - Texas Instruments OPA452FA/500 Datasheet HTML 8Page - Texas Instruments OPA452FA/500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
OPA4
52
OPA
452
OPA4
52
7-Lead
Straight-Formed
TO-220 (TA)
NOTE: Tabs are electrically connected to V– supply.
NC
V–
V
O
V+
V
IN–
V
IN+
123 4 5 6
Flag
7
7-Lead
DDPAK (FA)
Surface-Mount
NC
V–
V
O
V+
V
IN–
V
IN+
123 4 5 6
Flag
7
7-Lead
Stagger-Formed
TO-220 (TA-1)
NC
V–
V
O
V+
V
IN–
V
IN+
123 4 5 6
Flag
7
80V, 50mA
OPERATIONAL AMPLIFIERS
FEATURES
q WIDE POWER-SUPPLY RANGE:
±10V to ±40V
q HIGH OUTPUT LOAD DRIVE:
50mA Continuous
q WIDE OUTPUT VOLTAGE SWING: 1V to Rail
q FULLY PROTECTED:
Thermal Shutdown
Output Current-Limited
q WIDE OPERATING TEMPERATURE RANGE:
–40
°C TO +125°C
q PACKAGE OPTIONS:
TO220-7
DDPACK-7 Surface-Mount
APPLICATIONS
q PIEZOELECTRIC CELLS
q TEST EQUIPMENT
q AUDIO AMPLIFIERS
q TRANSDUCER DRIVERS
q SERVO DRIVERS
DESCRIPTION
The OPA452 and OPA453 are low-cost operational amplifi-
ers with high-voltage (80V) and high-current capabilities
(50mA). The OPA452 is unity-gain stable and has a gain
bandwidth product of 1.8MHz, whereas the OPA453 is opti-
mized for gains greater than 5 and has a 7.5MHz bandwidth.
The OPA452 and OPA453 are internally protected against
over-temperature conditions and current overloads. Power
supplies in the range of
±10V to ±40V can be used. Unlike
most other power op amps, the OPA452 and OPA453 have
ensured specifications over the entire power-supply range.
These laser-trimmed, monolithic integrated circuits provide
excellent low-level accuracy along with wide output swing.
Special design considerations assure that the product is
easy to use and free from phase inversion problems often
found in other amplifiers.
The OPA452 and OPA453 are available in TO220-7 and
DDPAK-7 options. They are specified for a junction tempera-
ture range of –40
°C to +125°C.
OPA452
OPA453
SBOS127C – JULY 2000 – REVISED NOVEMBER 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA452FA/500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA452FA/500 TI-OPA452FA/500 Datasheet
335Kb / 17P
80V, 50mA OPERATIONAL AMPLIFIERS
OPA452FA/500 TI1-OPA452FA/500 Datasheet
924Kb / 21P
80V, 50mA OPERATIONAL AMPLIFIERS
OPA452FA/500G3 TI1-OPA452FA/500G3 Datasheet
924Kb / 21P
80V, 50mA OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA452FA/500

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
logo
Texas Instruments
OPA452 TI-OPA452 Datasheet
335Kb / 17P
80V, 50mA OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
logo
Texas Instruments
OPA454 TI-OPA454 Datasheet
1Mb / 36P
High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
OPA452 TI1-OPA452_13 Datasheet
924Kb / 21P
80V, 50mA OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com