Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K.B Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM1738E/2K.B
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM1738E/2K.B Datasheet HTML 25Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 26Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 27Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 28Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 29Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 30Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 31Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 32Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
www.ti.com
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
CHSL
Channel Selection for Monaural Mode
This bit is read/write.
Default value: 0
This bit is available when MONO = 1.
CHSL = 0
L-channel selected (default)
CHSL = 1
R-channel selected
The CHSL bit is used to set the audio data selection for the monaural mode.
OS[1:0]
Delta-Sigma Oversampling Rate Selection
These bits are available for read/write.
Default value: 00
For DSD mode, this register is used to select the speed of BCK (pin 7) for the analog FIR filter.
OS[1:0]
Operation Speed Select
00
64
× (default)
01
Reserved
10
128
×
11
32
×
The OS bits are used to change the oversampling ratio of the delta-sigma modulator. This function is
useful when considering the output low-pass filter design that can handle a wide range of sampling
rates. As an example, selecting 128
× for f
S = 44.1 kHz, 64× for fS = 96 kHz, and 32× for fS = 192 kHz
operation would require a low-pass filter with a single cutoff frequency to accommodate all three
sampling rates.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 21
R
0
0
1
0
1
0
1
RSV
RSV
RSV
RSV
RSV
RSV
ZFGR
ZFGL
R
Read Mode Control
Only set to 1 for read-back mode.
ZFGx
Zero Detection Flag
When x = L or R, corresponding to the DAC output channel.
These bits are available only for readback.
Default value: 00
ZFGx = 0
Not ZERO
ZFGx = 1
ZERO detected
When the PCM1738 detects that audio input data is continuously zero for 1024 LRCKs, the ZFGx bit
is set to 1 for the corresponding channel(s). Zero detect flags are also available at ZEROL (pin 2)
and ZEROR (pin 3).
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com