Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K.B Datasheet(PDF) 38 Page - Texas Instruments

Part # PCM1738E/2K.B
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K.B Datasheet(HTML) 38 Page - Texas Instruments

Back Button PCM1738E/2K.B Datasheet HTML 34Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 35Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 36Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 37Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 38Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 39Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 40Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 41Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
www.ti.com
DSD-MODE CONFIGURATION AND FUNCTION CONTROLS
REQUIREMENTS FOR SYSTEM CLOCK
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
Configuration for DSD interface mode:
• DFTH = 1 (register 20)
• DME = 1 (register 18)
Table 6 shows the register mapping available in DSD mode.
Table 6. Register Mapping in DSD Mode
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
16
W/R
0
0
1
0
0
0
0
–(1)
–
–
–
–
–
–
–
17
W/R
0
0
1
0
0
0
1
–
–
–
–
–
–
–
–
18
W/R
0
0
1
0
0
1
0
–
–
–
–
DMF1
DMF0
DME(2)
–
19
W/R
0
0
1
0
0
1
1
–
–
–
OPE
CLKD
CLKE
–
–
20
W/R
0
0
1
0
1
0
0
RSV
SRST
MRST
RSV
RSV
OS1
OS0
DFTH(2)
21
R
0
0
1
0
1
0
1
RSV
RSV
RSV
RSV
RSV
RSV
–
–
(1)
– = function disabled. No operation even if any data is set.
(2)
These bits are required for selection of the DSD mode.
DMF[1:0]
Analog FIR Performance Selection
These bits are available for read/write.
Default value: 00
DMF[1:0]
Analog FIR Performance Select
00
DSD filter 1 (default)
01
DSD filter 2
10
DSD filter 3
11
DSD filter 4
Plots for the four analog FIR filter responses are shown in the Typical Performance Curves of this
data sheet.
OS[1:0]
Analog FIR Operation Speed Selection
These bits are available for read/write.
Default value: 00
OS[1:0]
Operation Speed Select
00
fSCKI (default)
01
Reserved
10
Reserved
11
fSCKI/2
The OS bit in the DSD mode is used to select the operating rate of the analog FIR.
The bit clock (BCK) for DSD mode is required at pin 7 of the PCM1738. The frequency of the bit clock may be N
times the sampling frequency. Generally, N is 64 in DSD applications.
The interface timing among the bit clock, DATAL, and DATAR is required to meet the same setup and hold-time
specifications as shown for the PCM audio-format interface in Figure 36.
38
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com