Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1738E/2K.B Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM1738E/2K.B
Description  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K.B Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM1738E/2K.B Datasheet HTML 26Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 27Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 28Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 29Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 30Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 31Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 32Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 33Page - Texas Instruments PCM1738E/2K.B Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
www.ti.com
TYPICAL CONNECTION DIAGRAM IN PCM MODE
RST
ZEROL
ZEROR
LRCK
DATA
BCK
SCKI
DGND
V
DD
SCKO
MDO
MDI
MC
CS
V
3
CC
AGND2
I
OUTL–
I
OUTL+
V
CC2
V
CC1
V
COM3
I
REF
V
COM2
V
COM1
AGND1
I
OUTR+
I
OUTR–
MUTE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PCM1738E
+
+
–15V
15V
5V
L/RClock(f )
S
AudioDATA
BitClock
SystemClock
+
3.3V
AnalogOutputStage
Controller
V
L-Channel
OUT
V
R-Channel
OUT
S0241-01
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
NOTE: Regarding R/C values for the analog output stage, see Figure 40.
Figure 39. Typical Application Circuit for Standard PCM Audio Operation
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com