Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1850 Datasheet(PDF) 26 Page - Texas Instruments

Part # PCM1850
Description  24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6  2-CHANNEL MUX AND PGA
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1850 Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM1850 Datasheet HTML 22Page - Texas Instruments PCM1850 Datasheet HTML 23Page - Texas Instruments PCM1850 Datasheet HTML 24Page - Texas Instruments PCM1850 Datasheet HTML 25Page - Texas Instruments PCM1850 Datasheet HTML 26Page - Texas Instruments PCM1850 Datasheet HTML 27Page - Texas Instruments PCM1850 Datasheet HTML 28Page - Texas Instruments PCM1850 Datasheet HTML 29Page - Texas Instruments PCM1850 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
26
MODE CONTROL REGISTERS
User-Programmable Mode Control Functions
The PCM1850/1851 has several user-programmable functions which are accessed via control registers. The registers are
programmed using the serial control port which is discussed in the SPI Serial Control Port for Mode Control (PCM1850)
and I2C Serial Control Port for Mode Control (PCM1851) sections of this data sheet. Table 6 lists the available mode control
functions, along with their reset default conditions and associated register index.
Register Map
The mode control register map is shown in Table 7. Each register includes an index (or address) indicated by the IDX[6:0]
bits B[14:8].
Table 6. User-Programmable Mode Control Functions
FUNCTION
RESET DEFAULT
REGISTER
BIT(S)
Mode register reset
Normal operation
31
MRST
PGA gain control
–11 dB
31
PG[5:0]
Multiplexer input channel control
Channel 1
32
CH[2:0]
HPF bypass control
HPF enable
33
BYP
System reset
Normal operation
33
SRST
Audio interface mode control
Slave
33
MD[1:0]
Audio interface format control
I2S
33
FMT[2:0]
Table 7. Mode Control Register Map
HEX
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 31
0
0
1
1
0
0
0
1
RSV
MRST
PG5
PG4
PG3
PG2
PG1
PG0
Register 32
0
0
1
1
0
0
1
0
RSV
RSV
RSV
RSV
RSV
CH2
CH1
CH0
Register 33
0
0
1
1
0
0
1
1
BYP
SRST
RSV
MD1
MD0
FMT2 FMT1 FMT0
NOTE: RSV bit must be always written as 0. No values can be written in address 30h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com