Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL8143-CSL Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8143-CSL
Description  8GHz to 14GHz, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8143-CSL Datasheet(HTML) 3 Page - Analog Devices

  ADL8143-CSL Datasheet HTML 1Page - Analog Devices ADL8143-CSL Datasheet HTML 2Page - Analog Devices ADL8143-CSL Datasheet HTML 3Page - Analog Devices ADL8143-CSL Datasheet HTML 4Page - Analog Devices ADL8143-CSL Datasheet HTML 5Page - Analog Devices ADL8143-CSL Datasheet HTML 6Page - Analog Devices ADL8143-CSL Datasheet HTML 7Page - Analog Devices ADL8143-CSL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet
ADL8143-CSL
analog.com
Rev. 0 | 3 of 8
SPECIFICATIONS
8GH
z TO 10GHz FREQUENCY RANGE
VDD = 1.5V, IDQ = 35mA, bias resistance (RBIAS) = 487Ω, and TCASE = 25°C, unless otherwise noted.
Table 1. 8GHz to 10GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
8
10
GHz
GAIN
26.5
28.5
dB
Gain Variation over Temperature
0.026
dB/°C
NOISE FIGURE
1
dB
RETURN LOSS
Input (S11)
11
dB
Output (S22)
19
dB
OUTPUT
OP1dB
5.5
7.5
dBm
Saturated Output Power (PSAT)
9
dBm
OIP3
19.5
dBm
Measurement taken at output power (POUT) per tone = −6dBm
Second-Order Intercept (OIP2)
14
dBm
Measurement taken at POUT per tone = −6dBm
POWER ADDED EFFICIENCY (PAE)
15.53
%
Measured at PSAT
10GH
z TO 14GHz FREQUENCY RANGE
VDD = 1.5V, IDQ = 35mA, RBIAS = 487Ω, and TCASE = 25°C, unless otherwise noted.
Table 2. 10GHz to 14GHz Frequency Range Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
10
14
GHz
GAIN
26.5
28.5
dB
Gain Variation over Temperature
0.029
dB/°C
NOISE FIGURE
1.1
dB
RETURN LOSS
S11
17
dB
S22
15
dB
OUTPUT
OP1dB
6.5
8.5
dBm
PSAT
10
dBm
OIP3
22
dBm
Measurement taken at POUT per tone = −6dBm
OIP2
22.5
dBm
Measurement taken at POUT per tone = −6dBm
PAE
19.91
%
DC SPECIFICATIONS
Table 3. DC Specifications
Parameter
Min
Typ
Max
Unit
SUPPLY CURRENT
IDQ
35
mA
Amplifier Current (IDQ_AMP)
33.2
mA
RBIAS Current (IRBIAS)
1.8
mA
SUPPLY VOLTAGE
VDD
1.2
1.5
3.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com