Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL8143-CSL Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8143-CSL
Description  8GHz to 14GHz, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8143-CSL Datasheet(HTML) 1 Page - Analog Devices

  ADL8143-CSL Datasheet HTML 1Page - Analog Devices ADL8143-CSL Datasheet HTML 2Page - Analog Devices ADL8143-CSL Datasheet HTML 3Page - Analog Devices ADL8143-CSL Datasheet HTML 4Page - Analog Devices ADL8143-CSL Datasheet HTML 5Page - Analog Devices ADL8143-CSL Datasheet HTML 6Page - Analog Devices ADL8143-CSL Datasheet HTML 7Page - Analog Devices ADL8143-CSL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
ADL8143-CSL
8GHz to 14GHz, Low Noise Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Single positive supply: 1.5V and IDQ of 35mA nominal
►
RBIAS drain current adjustment pin
►
Gain: 28.5dB from 8GHz to 10GHz
►
Noise figure: 1dB from 8GHz to 10GHz
►
Extended operating temperature range: −55°C to +125°C
►
Internally matched and AC-coupled
►
RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP
COMMERCIAL SPACE FEATURES
►
Support aerospace applications
►
Wafer diffusion lot traceability
►
Radiation monitors
►
Total ionizing dose (TID)
►
Outgassing characterization
APPLICATIONS
►
Low Earth orbit (LEO) space payloads
►
Satellite communications
GENERAL DESCRIPTION
The ADL8143-CSL is a low noise amplifier (LNA) that operates
from 8GHz to 14GHz. The typical gain, noise figure, output power
for 1dB compression (OP1dB), and output third-order intercept
(OIP3) are 28.5dB, 1dB, 7.5dBm, and 19.5dBm, respectively, from
8GHz to 10GHz. The nominal quiescent current (IDQ), which can be
adjusted, is 35mA from a 1.5V supply voltage (VDD). The ADL8143-
CSL also features inputs and outputs that are AC-coupled and
internally matched to 50Ω.
The ADL8143-CSL is housed in an RoHS-compliant, 2mm × 2mm,
8-lead lead frame chip scale package [LFCSP] and is specified for
operation from −55°C to +125°C.
Additional application and technical information can be found in the
Commercial Space Products Program brochure and the ADL8143
data sheet.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADL8143-CSL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8143-EVALZ AD-ADL8143-EVALZ Datasheet
1Mb / 17P
8 GHz to 14 GHz, Low Noise Amplifier
Rev. 0
More results

Similar Description - ADL8143-CSL

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
.5-8GHz MESFET Amplifier
logo
RF Micro Devices
NBB-402 RFMD-NBB-402 Datasheet
213Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400 RFMD-NBB-400 Datasheet
186Kb / 10P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_06 Datasheet
188Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
logo
Asahi Kasei Microsystem...
AK1548 AKM-AK1548 Datasheet
706Kb / 42P
8GHz Low Noise Integer-N Frequency Synthesizer
logo
RF Micro Devices
NBB-402 RFMD-NBB-402_13 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
Mini-Circuits
K1-GAT MINI-K1-GAT Datasheet
309Kb / 1P
DC to 8GHz
K2-GAT MINI-K2-GAT Datasheet
291Kb / 1P
DC to 8GHz
logo
Qorvo, Inc
NBB_402 QORVO-NBB_402 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
Renesas Technology Corp
F6923 RENESAS-F6923_V01 Datasheet
1Mb / 15P
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com