Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL8143-CSL Datasheet(PDF) 5 Page - Analog Devices

Part # ADL8143-CSL
Description  8GHz to 14GHz, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8143-CSL Datasheet(HTML) 5 Page - Analog Devices

  ADL8143-CSL Datasheet HTML 1Page - Analog Devices ADL8143-CSL Datasheet HTML 2Page - Analog Devices ADL8143-CSL Datasheet HTML 3Page - Analog Devices ADL8143-CSL Datasheet HTML 4Page - Analog Devices ADL8143-CSL Datasheet HTML 5Page - Analog Devices ADL8143-CSL Datasheet HTML 6Page - Analog Devices ADL8143-CSL Datasheet HTML 7Page - Analog Devices ADL8143-CSL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet
ADL8143-CSL
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 8
Table 5. Absolute Maximum Ratings
Parameter
Rating
VDD
4V
RF Input Power (RFIN)
20dBm
Continuous Power Dissipation (PDISS), TCASE = 85°C
(Derate 10.6mW/°C Above 85°C)
0.95W
Temperature
Storage Range
−65°C to +150°C
Operating Range
−55°C to +125°C
Quiescent Channel (TCASE = 85°C, VDD = 1.5V, IDQ =
35mA, Input Power (PIN) = Off)
89.95°C
Maximum Channel
175°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the channel-to-case thermal resistance.
Table 6. Thermal Resistance
Package Type
θJC
Unit
CP-8-30
Quiescent, TCASE = 25°C
80.4
°C/W
Worst Case,1 TCASE = 85°C
94.3
°C/W
1 Worst case across all specified operating conditions.
OUTGAS TESTING
The criteria used for the acceptance and rejection of materials must
be determined by the user and based upon specific component and
system requirements. Historically, a total mass loss (TML) of 1.00%
and collected volatile condensable material (CVCM) of 0.10% have
been used as screening levels for rejection of spacecraft materials.
Table 7. Outgas Testing
Specification (Tested per ASTM E595 -15)
Value
Unit
Total Mass Lost
0.14
%
Collected Volatile Condensable Material
0.01
%
Water Vapor Recovered
0.03
%
RADIATION FEATURES
Table 8. Radiation Features
Specifications
Value
Unit
Maximum Total Dose Available (Dose Rate =
50rads to 300rads (Si)/sec)1
100
krads (Si)
1 Guaranteed by device and process characterization.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD-protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADL8143-CSL
Table 9. ADL8143-CSL, 8-Lead LFCSP
ESD Model
Withstand Threshold (V)
Class
HBM
±300
1A
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com