Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX374 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LCX374
Description  OCTAL D-TYPE FLIP FLOP NON INVERTING 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX374 Datasheet(HTML) 4 Page - STMicroelectronics

  74LCX374 Datasheet HTML 1Page - STMicroelectronics 74LCX374 Datasheet HTML 2Page - STMicroelectronics 74LCX374 Datasheet HTML 3Page - STMicroelectronics 74LCX374 Datasheet HTML 4Page - STMicroelectronics 74LCX374 Datasheet HTML 5Page - STMicroelectronics 74LCX374 Datasheet HTML 6Page - STMicroelectronics 74LCX374 Datasheet HTML 7Page - STMicroelectronics 74LCX374 Datasheet HTML 8Page - STMicroelectronics 74LCX374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DC SPECIFICATIONS
Symb ol
Parameter
Test Co ndi ti ons
Value
Un it
VCC
(V)
-40 to 85
oC
Min.
Max.
VIH
High Level Input Voltage
2. 7t o3.6
2.0
V
VIL
Low Level Input Voltage
0.8
V
VOH
High Level Output Voltage
2.7 to 3.6
VI =
VIH or
VIL
IO=-100
µAVCC-0.2
V
2.7
IO=-12 mA
2.2
3.0
IO=-18 mA
2.4
IO=-24 mA
2.2
VOL
Low Level Output Voltage
2.7 to 3.6
VI =
VIH or
VIL
IO=100
µA
0.2
V
2.7
IO=12 mA
0.4
3.0
IO=16 mA
0.4
3.0
IO=24 mA
0.55
II
Input Leakage Current
2. 7t o3.6
VI = 0 to 5.5 V
±5
µA
IOZ
3 State Output Leakage Current
2.7 to 3.6
VI =VIH or VIL
VO = 0 to 5.5V
±5
µA
Ioff
Power Off Leakage Current
0
VI or VO = 5.5V
100
µA
ICC
Quiescent Supply Current
2.7 to 3.6
VI =VCC or GND
10
µA
VI or VO =
3.6 to 5.5V
±10
∆ICC
ICC incr. per input
2.7 to 3.6
VIH =VCC -0.6V
500
µA
DYNAMIC SWITCHING CHARACTERISTICS
Symb ol
Parameter
Test Con dition s
Value
Un it
VCC
(V)
TA =25
oC
Min.
Typ.
Max.
VOLP
Dynamic Low Voltage Quiet Output
(note 1)
3.3
CL =50 pF
VIL =0 V
VIH =3.3V
0.8
V
VOLV
-0.8
1) Number ofoutputs defined as ”n”. Measured with”n-1” outputs switching from HIGH to LOW or LOW t o HIGH. The remaining output is measured in
the LOW state.
74LCX374
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com