Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX374 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LCX374
Description  OCTAL D-TYPE FLIP FLOP NON INVERTING 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX374 Datasheet(HTML) 5 Page - STMicroelectronics

  74LCX374 Datasheet HTML 1Page - STMicroelectronics 74LCX374 Datasheet HTML 2Page - STMicroelectronics 74LCX374 Datasheet HTML 3Page - STMicroelectronics 74LCX374 Datasheet HTML 4Page - STMicroelectronics 74LCX374 Datasheet HTML 5Page - STMicroelectronics 74LCX374 Datasheet HTML 6Page - STMicroelectronics 74LCX374 Datasheet HTML 7Page - STMicroelectronics 74LCX374 Datasheet HTML 8Page - STMicroelectronics 74LCX374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
Test Co ndi ti ons
Valu e
Un it
VCC
(V)
TA =25
oC
Mi n.
T yp.
Max.
CIN
Input Capacitance
3.3
VIN = 0 to VCC
6
pF
COUT
Output Capacitance
3.3
VIN = 0 to VCC
12
pF
CPD
Power Dissipation Capacitance (note 1)
3.3
fIN = 10MHz
VIN = 0 or VCC
32
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. Average
operting current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/8 (per Flip-Flop)
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf = 2.5 ns)
Symb ol
Parameter
Test Con dition
Val ue
Un it
VCC
(V)
Waveform
-40 to 85
oC
Mi n.
Max.
tPLH
tPHL
Propagation Delay Time
2.7
1
1.5
9.5
ns
3.0 to 3.6
1.5
8.5
tPZL
tPZH
Output Enable Time to HIGH and LOW
level
2.7
2
1.5
9.5
ns
3.0 to 3.6
1.5
8.5
tPLZ
tPHZ
Output Disable Time from HIGh and
LOW level
2.7
2
1.5
8.5
ns
3.0 to 3.6
1.5
7.5
ts
Setup Time, HIGh or LOW level Dn to
CK
2.7
1
2.5
ns
3.0 to 3.6
2.5
th
Hold Time, HIGh or LOW level Dn to CK
2.7
1
1.5
ns
3.0 to 3.6
1.5
tw
CK Pulse Width, HIGH or LOW
2.7
3
3.3
ns
3.0 to 3.6
3.3
fMAX
Clock Pulse Frequency
3.0 to 3.6
1
150
MHz
tOSLH
tOSHL
Output to Output Skew Time (note 1, 2)
3.0 to 3.6
1.0
ns
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any twooutputs of the same device switching in the
same direction, either HIGH or LOW (tOSLH =|tPLHm -tPLHn|, tOSHL =|tPHLm -tpHLn|)
2) Parameter guaranteed by design
74LCX374
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com