Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX374 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX374
Description  OCTAL D-TYPE FLIP FLOP NON INVERTING 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX374 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX374 Datasheet HTML 1Page - STMicroelectronics 74LCX374 Datasheet HTML 2Page - STMicroelectronics 74LCX374 Datasheet HTML 3Page - STMicroelectronics 74LCX374 Datasheet HTML 4Page - STMicroelectronics 74LCX374 Datasheet HTML 5Page - STMicroelectronics 74LCX374 Datasheet HTML 6Page - STMicroelectronics 74LCX374 Datasheet HTML 7Page - STMicroelectronics 74LCX374 Datasheet HTML 8Page - STMicroelectronics 74LCX374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74LCX374
OCTAL D-TYPE FLIP FLOP NON INVERTING (3-STATE)
WITH 5V TOLERANT INPUTS AND OUTPUTS
®
February 1999
s
5V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED:
fMAX = 150 MHz (MIN.) at VCC =3V
s
POWER-DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 24 mA (MIN)
s
PCI BUS LEVELS GUARANTEED AT 24mA
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2.0V to 3.6V (1.5V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 374
s
LATCH-UP PERFORMANCE EXCEEDS 500mA
s
ESD PERFORMANCE:
HBM >2000V; MM > 200V
DESCRIPTION
The LCX374 is a low voltage CMOS OCTAL
D-TYPE FLIP FLOP with 3 STATE OUTPUT
NON INVERTING fabricated with sub-micron
silicon gate and double-layer metal wiring C
2MOS
technology. It is ideal for low power and high
speed applications; it can be interfaced to 5V
signal environment for both inputs and outputs.
These 8 bit D-Type flip-flops are controlled by a
clock input (CK) and an output enable input (OE).
On the positive transition of the clock, the Q
outputs will be set to the logic state that were
setup at the D inputs.
While the (OE) input is low, the 8 outputs will be
in a normal state (high or low logic level) and
while high level the outputs will be in a high
impedance state.
The output control does not affect the internal
operation of flip flops; that is, the old data can be
retained or the new data can be entered even
while the outputs are off.
It has same speed performance at 3.3V than 5V,
AC/ACT family, combined with a lower power
consumption. It has better speed performance at
3.3V than 5V LSTTL family combined with the
true CMOS low power consumption.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74LCX374M
74LCX374T
M
(Micro Package)
T
(TSSOP Package)
1/10


Similar Part No. - 74LCX374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LCX374 MOTOROLA-74LCX374 Datasheet
158Kb / 8P
LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
74LCX374 ONSEMI-74LCX374 Datasheet
158Kb / 8P
LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Toshiba Semiconductor
74LCX374 TOSHIBA-74LCX374 Datasheet
326Kb / 9P
LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX574 STMICROELECTRONICS-74LCX574 Datasheet
264Kb / 13P
OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX373 STMICROELECTRONICS-74LCX373 Datasheet
225Kb / 10P
OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Sep-2001
74LCX573 STMICROELECTRONICS-74LCX573 Datasheet
227Kb / 10P
OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Sep-2001
74LCX373 STMICROELECTRONICS-74LCX373_04 Datasheet
276Kb / 13P
OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX374 STMICROELECTRONICS-74LCX374_04 Datasheet
277Kb / 13P
OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX573 STMICROELECTRONICS-74LCX573_04 Datasheet
276Kb / 13P
OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LVQ374 STMICROELECTRONICS-74LVQ374 Datasheet
289Kb / 13P
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS NON INVERTING
29-Jul-2004
74LVQ574 STMICROELECTRONICS-74LVQ574_04 Datasheet
289Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
29-Jul-2004
74VHC574 STMICROELECTRONICS-74VHC574_04 Datasheet
306Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
12-Nov-2004
74VHCT574A STMICROELECTRONICS-74VHCT574A_04 Datasheet
273Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
16-Dec-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com