Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN90004TVS/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # SCAN90004TVS/NOPB
Description  SCAN90004 4-Channel LVDS Buffer/Repeater with Pre-Emphasis
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCAN90004TVS/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button SCAN90004TVS/NOPB Datasheet HTML 3Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 4Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 5Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 6Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 7Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 8Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 9Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 10Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
OUT+
OUT-
SCAN90004
Receiver
IN+
IN-
100: Differential T-Line
100:
LVDS
Driver
SCAN90004
www.ti.com
SNLS182P – MAY 2005 – REVISED APRIL 2013
Design-for-Test (DfT) Features
IEEE 1149.1 (JTAG) SUPPORT
The SCAN90004 supports a fully compliant IEEE 1149.1 interface. The Test Access Port (TAP) provides access
to boundary scan cells at each LVTTL I/O on the device for interconnect testing. Differential pins are included in
the same boundary scan chain but instead contain IEEE1149.6 cells. IEEE1149.6 is the improved IEEE standard
for testing high-speed differential signals.
Refer to the BSDL file located on TI’s website for the details of the SCAN90004 IEEE 1149.1 implementation.
IEEE 1149.6 SUPPORT
AC-coupled differential interconnections on very high speed (1+ Gbps) data paths are not testable using
traditional IEEE 1149.1 techniques. The IEEE 1149.1 structures and methods are intended to test static (DC-
coupled), single ended networks. IEEE 1149.6 is targeted for the testing of high-speed differential (including AC
coupled) networks. The SCAN90004 includes circuitry to support AC-coupled testing on all differential inputs and
outputs and offers limited test capability. The limitations are due to several application specific factors (board
layout, capacitor value, data rate etc.), and also IO compliance (LVDS links in general are DC coupled). The
SCAN90004 has not been tested for full compliance or full compatibility to the IEEE1149.6 standard. Testing of
the device in the targeted application with the appropriate JTAG software will determine what extent of IEEE
1149.6 support is provided by the device.
FAULT INSERTION
Fault Insertion is a technique used to assist in the verification and debug of diagnostic software. During system
testing faults are "injected" to simulate hardware failure and thus help verify the monitoring software can detect
and diagnose these faults. In the SCAN90004 an IEEE1149.1 "stuck-at" instruction can create a stuck-at
condition, either high or low, on any pin or combination of pins. A more detailed description of the stuck-at
feature can be found in TI Applications note AN-1313 (SNLA060).
Application Information
INPUT INTERFACING
The SCAN90004 accepts differential signals and allow simple AC or DC coupling. With a wide common mode
range, the SCAN90004 can be DC-coupled with all common differential drivers (i.e. LVPECL, LVDS, CML). The
following three figures illustrate typical DC-coupled interface to common differential drivers. Note that the
SCAN90004 inputs are internally terminated with a 100
Ω resistor.
Figure 3. Typical LVDS Driver DC-Coupled Interface to SCAN90004 Input
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SCAN90004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com