Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN90004TVS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # SCAN90004TVS/NOPB
Description  SCAN90004 4-Channel LVDS Buffer/Repeater with Pre-Emphasis
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCAN90004TVS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  SCAN90004TVS/NOPB Datasheet HTML 1Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 2Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 3Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 4Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 5Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 6Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 7Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 8Page - Texas Instruments SCAN90004TVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Cable or Backplane
SCAN90004
SCAN90004
www.ti.com
SNLS182P – MAY 2005 – REVISED APRIL 2013
SCAN90004 4-Channel LVDS Buffer/Repeater
with Pre-Emphasis
Check for Samples: SCAN90004
1
FEATURES
DESCRIPTION
The SCAN90004 is a four channel 1.5 Gbps LVDS
2
•
1.5 Gbps Maximum Data Rate Per Channel
buffer/repeater. High speed data paths and flow-
•
Configurable Pre-emphasis Drives Lossy
through pinout minimize internal device jitter and
Backplanes and Cables
simplify
board
layout,
while
configurable
pre-
•
Low Output Skew and Jitter
emphasis overcomes ISI jitter effects from lossy
backplanes
and
cables.
The
differential
inputs
•
LVDS/CML/LVPECL Compatible Input, LVDS
interface to LVDS, and Bus LVDS signals such as
Output
those on TI's 10-, 16-, and 18- bit Bus LVDS SerDes,
•
On-chip 100
Ω Input and Output Termination
as well as CML and LVPECL. The differential inputs
•
12 kV ESD Protection on LVDS Outputs
and outputs are internally terminated with a 100
Ω
resistor to improve performance and minimize board
•
IEEE 1149.1 JTAG Interface
space. The repeater function is especially useful for
•
IEEE 1149.6 Limited Capability
boosting signals for longer distance transmission over
•
Fault Insertion
lossy cables and backplanes.
•
Single 3.3V Supply
Integrated testability circuitry supports IEEE1149.1
•
Very Low Power Consumption
(JTAG)
on
single-ended
LVTTL/CMOS
I/O
and
limited
IEEE1149.6
capability
on
high-speed
•
Industrial -40 to +85°C Temperature Range
differential LVDS interconnects. The 3.3V supply,
•
Small TQFP Package Footprint
CMOS process, and LVDS I/O ensure stable high
•
See DS90LV004 for Non-JTAG Version
performance at low power over the entire industrial -
40 to +85°C temperature range.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SCAN90004TVS/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCAN90004TVS/NOPB TI1-SCAN90004TVS/NOPB Datasheet
288Kb / 14P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results

Similar Description - SCAN90004TVS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 NSC-DS15BR400 Datasheet
645Kb / 11P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 TI1-SCAN90004_18 Datasheet
288Kb / 14P
4-Channel LVDS Buffer/Repeater with Pre-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com