Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6005 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP6005 Datasheet HTML 20Page - Monolithic Power Systems MP6005 Datasheet HTML 21Page - Monolithic Power Systems MP6005 Datasheet HTML 22Page - Monolithic Power Systems MP6005 Datasheet HTML 23Page - Monolithic Power Systems MP6005 Datasheet HTML 24Page - Monolithic Power Systems MP6005 Datasheet HTML 25Page - Monolithic Power Systems MP6005 Datasheet HTML 26Page - Monolithic Power Systems MP6005 Datasheet HTML 27Page - Monolithic Power Systems MP6005 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
24
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
D)
-
(1
x
N
x V
D
=
V
N
I
R
(19)
The QF maximum VDS voltage (VF) can be
calculated with Equation (20):
N
V
=
V
IN
F
(20)
Where N is the transformer primary winding to
output winding ratio, and D is the primary duty
cycle. Some margin is typically necessary.
The MOSFET current rating should exceed its
maximum RMS current and peak current. The
QR RMS current (IR) can be calculated with
Equation (21):
2
OUT
PP
OUT
R
)
I
I
(
x
3
1
+
1
x
D
x
I
=
I
(21)
The QF RMS current (IF) can be calculated with
Equation (22):
2
OUT
PP
OUT
F
)
I
I
(
x
3
1
+
1
x
D
-
1
x
I
=
I
(22)
Where IPP is the peak-to-peak current.
Since
one
MOSFET
’s drain is the other
MOSFET
’s gate, the QR gate driver voltage is
equal to VF, and the QF gate driver voltage is
equal to VR. If the driver voltage exceeds the
maximum GATE voltage, a clamp circuit is
required. The turn-on resistance determines the
conduction loss, and QG determines the circuit
driver loss. Both the turn-on resistance and QG
should remain low to achieve high efficiency
and low temperature rise.
Selecting an Output Inductor for Forward
Applications
The forward output inductor supplies constant
current to the output load while the main power
MOSFET turns on. A larger-value inductor
results in less ripple current and a lower output
voltage ripple. However, larger-value inductors
are larger in size, and have a higher series
resistance and lower current saturation. To
determine the inductance, allow the peak-to-
peak ripple current in the inductor to be
approximately 30% to 50% of the maximum
output current. The inductance value can be
calculated with Equation (23):
OUT
OUT
SW
L
IN
V
V
x N
L =
x (1-
)
f
x
ΔIV
(23)
Where VOUT is the output voltage, VIN is the
input voltage, fSW is the switching frequency,
and ΔIL is the peak-to-peak inductor ripple
current.
Choose an inductor that does not saturate
under the maximum inductor peak current.
Selecting an Input Capacitor
An input capacitor is required to supply the AC
ripple current to the inductor while limiting noise
at the input source. A low-ESR capacitor is
required to minimize noise. It is recommended
to use ceramic capacitors, but tantalum or low-
ESR electrolytic capacitors can also be used.
For
ceramic
capacitors,
the
capacitance
dominates the input ripple at the switching
frequency.
In flyback mode, the input ripple can be
estimated with Equation (24):
)
V
+
x V
(N
x
C
x
f
V
x
I
=
ΔV
IN
OUT
IN
SW
IN
IN
IN
(24)
Where
ΔVIN is the input voltage ripple, IIN is the
input current, and CIN is the input capacitor.
In forward mode, the input ripple can be
estimated with Equation (25):
OUT
IN
IN
SW
IN
IN
V
x N
I
ΔV =
x (1-
)
f
x C
V
(25)
Equation (25) omits the primary-side inductance
current that makes the current ripple smaller.
Selecting an Output Capacitor
The output capacitor maintains the DC output
voltage. For the best results, it is recommended
to
use
ceramic
capacitors
or
low-ESR
capacitors to minimize the output voltage ripple.
For
ceramic
capacitors,
the
capacitance
dominates the output ripple at the switching
frequency.
In flyback mode, the output ripple can be
estimated with Equation (26):
OUT
OUT
SW
OUT
IN
OUT
OUT
C
I
x
f
x
)
x V
N
+
(V
x V
N
=
ΔV
(26)
If the voltage ripple is too high, place two
capacitors on either side of the inductor to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com