Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6005 Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button MP6005 Datasheet HTML 22Page - Monolithic Power Systems MP6005 Datasheet HTML 23Page - Monolithic Power Systems MP6005 Datasheet HTML 24Page - Monolithic Power Systems MP6005 Datasheet HTML 25Page - Monolithic Power Systems MP6005 Datasheet HTML 26Page - Monolithic Power Systems MP6005 Datasheet HTML 27Page - Monolithic Power Systems MP6005 Datasheet HTML 28Page - Monolithic Power Systems MP6005 Datasheet HTML 29Page - Monolithic Power Systems MP6005 Datasheet HTML 30Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
27
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
2.2µF
C1B
22µF
C2A
1N4148
D4
4.99k
R10
PGND PGND
0.1µF
C5
Q1
SI7450
PGND
6.8k
R6
PGND
10k
R4
10nF
C4
220pF
C6
PGND
280k
R11
20k
R12
1µF
C3A
PGND
C1A
C2C
220µF
SBR8U60P5
D1
470pF
C7
10k
R8
PGND
100k
R1
20k
R2
1N4148
D3
PGND
100k
R9
VCC
VCC
SGND SGND
SGND
12V @ 2.5A
VOUT
GND
SGND
PGND
VIN = 36 to 57V
NA
NP
NS
T1
2.2
µF
C1C
22µF
C2B
0.05k
R3
VCC
1
MODE
5
GATE
10
FB
7
SYNC 9
EN
3
SENSE 2
VIN
4
GND
8
COMP
6
U1
MP6005
1000pF/2000V
C8
SGND
PGND
L2
0.47µH
20k
R5A
20k
R5B
BAV21
D2
PGND
1µF
C3B
NC
C9
PGND
VIN
GND
47µF
VOUT
Figure 15: Typical PSR Flyback Application Circuit (15)
VCC
1
MODE
5
GATE
10
FB
7
SYNC
9
EN
3
SENSE
2
VIN
4
GND
8
COMP
6
U1
1N4148
D3
4.99k
R7
0k
R6
4
Q1
SI7450
PGND
6.8k
R5
PGND
PGND
NC
C11
R11
C3A
PGND
PGND
100k
R16
20k
R17
PGND
VCC
EN
0.07k
R3
U2B
Optocoupler
5V @ 4.8A
U2A
PC357B
D2
BAV99
61.9k
R1
20k
R2
Q3
FDMS86520
Q4
SIR462
1N4148
D7
1N4148
D5
47µF
C2A
47µF
C2B
8.2V
D8
8.2V
D6
1k
R3
4.02k
R4
20k
R15
4.7nF
C6
1µF
C10
100pF
C12
100pF
C13
VOUT
VOUT
Q5
3904
Q6
3904
VOUT
VOUT
GND
C2C
220µF
0.1µF
C4
PGND
1µF
C5
0k
R9
10k
R8
1N4148
D4
PGND
Q2
PGND
1µF
C3B
1000pF/2000V
C14
SPGND
SPGND
SPGND
SPGND
PGND
2k
R13
2k
R12
L3
1mH
NC
C15
PGND
U3
TLV431
10µH
L2
D1
BAV70
PGND
4.7nF
C8
NA
NP
NS
T1
PGND
PGND
C1A
PGND
VIN = 36V to 57V
VIN
GND
47µF
280k
R10
20k
2.2µF
C1B
2.2
µF
C1C
4.7µF
MP6005
VCC
Figure 16: Typical SSR Forward Application Circuit (16)
Notes:
15) VIN = 36V to 57V, VOUT = 12V, IOUT = 2.5A.
16) VIN = 36V to 57V, VOUT = 5V, IOUT = 4.8A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com