Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6005 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP6005
Description  High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6005 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP6005 Datasheet HTML 21Page - Monolithic Power Systems MP6005 Datasheet HTML 22Page - Monolithic Power Systems MP6005 Datasheet HTML 23Page - Monolithic Power Systems MP6005 Datasheet HTML 24Page - Monolithic Power Systems MP6005 Datasheet HTML 25Page - Monolithic Power Systems MP6005 Datasheet HTML 26Page - Monolithic Power Systems MP6005 Datasheet HTML 27Page - Monolithic Power Systems MP6005 Datasheet HTML 28Page - Monolithic Power Systems MP6005 Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
MP6005
– WIDE-INPUT, HIGH-EFFICIENCY FLYBACK AND FORWARD CONTROLLER
MP6005 Rev. 1.0
www.MonolithicPower.com
25
2/5/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
create a Pi (
π) filter. This is known as a Pi (π)
filter. Choose an inductor between
0.1μH and
0.47μH to achieve sufficient VOUT ripple and
system stability.
In forward mode, the output ripple can be
estimated with Equation (27):
OUT
OUT
OUT
2
SW
OUT
IN
V
V
x N
ΔV
=
x (1-
)
8 x f
x L x C
V
(27)
Design Example
Table 3 shows an example of PSR flyback
topology design.
Table 3: PSR Flyback Design Example
VIN
36V to 57V
VOUT
12V
IOUT
2.5A
Figure 15 shows a detailed schematic of a
typical PSR flyback application circuit (see the
Typical Performance Characteristics section on
page 11 for more details). For more detailed
device applications, refer to the corresponding
evaluation board datasheet.
Table 4 shows an example of SSR forward
topology design.
Table 4: SSR Forward Design Example
VIN
36V to 57V
VOUT
5V
IOUT
4.8A
Figure 16 shows a detailed schematic of a
typical SSR forward application circuit. For
more detailed device applications, refer to the
corresponding evaluation board datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com