Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM53C96KCW Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM53C96KCW
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KCW Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM53C96KCW Datasheet HTML 20Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 21Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 22Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 23Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 24Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 25Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 26Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 27Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
P R E L I M I N A R Y
AMD
24
Am53C94/Am53C96
Target Selected without ATN Steps
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
2
11
Selected; received entire CDB; check group code valid bit; initiator asserted ATN
in command phase
1
11
Sequence halted in command phase due to parity error; some CDB bytes may
not have been received; check FIFO flags; initiator asserted ATN in command
phase
2
01
Selected; received entire CDB; check group code valid bit
1
01
Sequence halted in command phase because of parity error; some CDB bytes
may not have been received; check FIFO flags
0
01
Selected; loaded bus ID into FIFO; null–byte message loaded into FIFO
Target Select with ATN Steps, SCSI–2 Bit NOT SET
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
2
12
Selection complete; received one message byte and entire CDB; initiator as-
serted ATN during command phase
1
12
Halted in command phase; parity error and ATN true
0
12
Selected with ATN; stored bus ID and one message byte; sequence halted be-
cause ATN remained true after first message byte
2
02
Selection completed; received one message byte and the entire CDB
1
02
Sequence halted in command phase because of parity error; some CDB bytes
not received; check group code valid bit and FIFO flags
0
02
Selected with ATN; stored bus ID and one message byte; sequence halted be-
cause of parity error or invalid ID message
Target Select with ATN Steps, SCSI–2 Bit SET
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
5
12
Halted in command phase; parity error and ATN true
4
12
ATN remained true after third message byte
0
02
Selected with ATN; stored bus ID and one message byte; sequence halted be-
cause of parity error or invalid ID message
6
02
Selection completed; received three message bytes and the entire CDB
5
02
Received three message bytes then halted in command phase because of parity
error; some CDB bytes not received; check group code valid bit and FIFO flags
402Parity error during second or third message byte
Target Receive Command Steps
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
2
18
Received entire CDB; initiator asserted ATN
1
18
Sequence halted during command transfer due to parity error; ATN asserted by
initiator
2
08
Received entire CDB
1
08
Sequence halted during command transfer due to parity error; check FIFO flags
Target Disconnect Steps
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
2
28
Disconnect steps fully executed; disconnected; bus is free
1
18
Two message bytes sent; sequence halted because initiator asserted ATN
0
18
One message byte sent; sequence halted because initiator asserted ATN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com