Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM53C96KCW Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM53C96KCW
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KCW Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM53C96KCW Datasheet HTML 42Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 43Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 44Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 45Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 46Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 47Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 48Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 49Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
P R E L I M I N A R Y
AMD
46
Am53C94/Am53C96
31
27
tPWH
ALE Pulse Width High
20
ns
28
tS
Address to ALE
Set Up Time
10
ns
29
tH
Address to ALE
Hold Time
10
ns
30
tS
ALE
to
CS
Set Up Time
10
ns
31
tPD
CS
to Data Valid Delay
90
ns
32
tS
CS
to
RD
Set Up Time
0
ns
33
tPD
RD
to Data Valid Delay
50
ns
34
tPWL
RD Pulse Width Low
50
ns
35
tH
RD
to Data Hold Time
2
ns
36
tH
RD
to
CS
Hold Time
0
ns
37
tZ
RD
to Data High Impedance
40
ns
38
tS
CS
to ALE
Set Up Time
50
ns
39
tS
CS
to
WR
Set Up Time
0
ns
40
tPWL
WR Pulse Width Low
40
ns
41
tS
Data to
WR
Set Up Time
15
ns
42
tS
WR
to ALE
Set Up Time
50
ns
43
tH
Data to
WR
Hold Time
0
ns
44
tH
WR
to
CS
Hold Time
0
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
CS
RD
WR
AD 7–0
AL
Register Read/Write with Multiplexed Address Data Bus
28
29
27
30
38
32
34
36
33
35
39
40
44
41
43
27
28
29
30
Address
Data
Address
Data
37
42
16506C-40
Note:
There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com