Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM53C96KCW Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM53C96KCW
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KCW Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM53C96KCW Datasheet HTML 23Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 24Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 25Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 26Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 27Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 28Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 29Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 30Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
P R E L I M I N A R Y
AMD
27
Am53C94/Am53C96
Current FIFO/Internal State Register (07H) Read
Current FIFO/Internal State Register
CFISREG
Address: 07H
Type: Read
76543
210
IS2
IS1
IS0
CF4
CF3
CF2
CF1
CF0
0000
0
000
Internal State 2:0
Current FIFO 4:0
16506C-26
This register has two fields, the Current FIFO field and
the Internal State field.
CFISREG – Bits 7:5 – IS 2:0 – Internal State 2:0
The Internal State Register (ISREG) tracks the progress
of a sequence-type command.
The IS 2:0 bits are duplicated from the IS 2:0 field in the
Internal State Register (ISREG) in the normal mode. If
the device is in the test mode, IS 0 is set to indicate that
the offset value is non zero. A non zero value indicates
that synchronous data transfer can continue. A zero
value indicates that the synchronous offset count has
been reached and no more data can be transferred until
an acknowledge is received.
CFISREG – Bits 4:0 – CF 4:0 – Current FIFO 4:0
The CF 4:0 bits are the binary coded value of the num-
ber of bytes in the FIFO. These bits should not be read
when the device is transferring data since this count
may not be stable.
Synchronous Offset Register (07H) Write
Synchronous Offset Register
SOFREG
Address: 07H
Type: Write
76543
210
SO3
SO2
SO1
SO0
RES
RES
RES
RES
xxxx
0
0
0
0
Reserved
Reserved
Reserved
Synchronous Offset 3:0
Reserved
16506C-27
The Synchronous Offset Register (SOFREG) contains
a 4-bit count of the number of bytes that can be sent to
(or received from) the SCSI bus without an
ACK (or
REQ). Bytes exceeding the threshold will be sent one
byte at a time (asynchronously). That is, each byte will
require an
ACK/REQ handshake. To set up an asyn-
chronous transfer, the SOFREG is set to zero. The
SOFREG is set to zero after a hard or soft reset.
SOFREG – Bits 7:4 – RES – Reserved
SOFREG – Bits 3:0 – SO 3:0 – Synchronous Offset
3:0
The SO 4:0 bits are the binary coded value of the num-
ber of bytes that can be sent to (or received from) the
SCSI bus without an
ACK (or REQ) signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com