Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL032A Datasheet(PDF) 47 Page - SPANSION

Part # S29GL032A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 47 Page - SPANSION

Back Button S29GL032A Datasheet HTML 43Page - SPANSION S29GL032A Datasheet HTML 44Page - SPANSION S29GL032A Datasheet HTML 45Page - SPANSION S29GL032A Datasheet HTML 46Page - SPANSION S29GL032A Datasheet HTML 47Page - SPANSION S29GL032A Datasheet HTML 48Page - SPANSION S29GL032A Datasheet HTML 49Page - SPANSION S29GL032A Datasheet HTML 50Page - SPANSION S29GL032A Datasheet HTML 51Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 95 page
background image
September 10, 2007 S29GL-A_00_A11
S29GL-A
47
Data
She e t
7.11
Secured Silicon Sector Flash Memory Region
The Secured Silicon Sector feature provides a Flash memory region that enables permanent part
identification through an Electronic Serial Number (ESN). The Secured Silicon Sector is 256 bytes in length,
and uses a Secured Silicon Sector Indicator Bit (DQ7) to indicate whether or not the Secured Silicon Sector is
locked when shipped from the factory. This bit is permanently set at the factory and cannot be changed,
which prevents cloning of a factory locked part. This ensures the security of the ESN once the product is
shipped to the field.
The factory offers the device with the Secured Silicon Sector either customer lockable (standard shipping
option) or factory locked (contact a Spansion sales representative for ordering information). The customer-
lockable version is shipped with the Secured Silicon Sector unprotected, allowing customers to program the
sector after receiving the device. The customer-lockable version also contains the Secured Silicon Sector
Indicator Bit permanently set to a 0. The factory-locked version is always protected when shipped from the
factory, and has the Secured Silicon Sector Indicator Bit permanently set to a 1. Thus, the Secured Silicon
Sector Indicator Bit prevents customer-lockable devices from being used to replace devices that are factory
locked. Note that the ACC function and unlock bypass modes are not available when the Secured Silicon
Sector is enabled.
The Secured Silicon sector address space in this device is allocated as follows:
The system accesses the Secured Silicon Sector through a command sequence (see Write Protect (WP#)
on page 48). After the system writes the Enter Secured Silicon Sector command sequence, it may read the
Secured Silicon Sector by using the addresses normally occupied by the first sector (SA0). This mode of
operation continues until the system issues the Exit Secured Silicon Sector command sequence, or until
power is removed from the device. On power-up, or following a hardware reset, the device reverts to sending
commands to sector SA0.
7.11.1
Customer Lockable: Secured Silicon Sector NOT Programmed or Protected
At the Factory
Unless otherwise specified, the device is shipped such that the customer may program and protect the 256-
byte Secured Silicon sector.
The system may program the Secured Silicon Sector using the write-buffer, accelerated and/or unlock
bypass methods, in addition to the standard programming command sequence. See Command Definitions
on page 52.
Programming and protecting the Secured Silicon Sector must be used with caution since, once protected,
there is no procedure available for unprotecting the Secured Silicon Sector area and none of the bits in the
Secured Silicon Sector memory space can be modified in any way.
The Secured Silicon Sector area can be protected using one of the following procedures:
Write the three-cycle Enter Secured Silicon Sector Region command sequence, and then follow the in-
system sector protect algorithm as shown in Figure 7.2 on page 46, except that RESET# may be at either
VIH or VID. This allows in-system protection of the Secured Silicon Sector without raising any device pin to
a high voltage. Note that this method is only applicable to the Secured Silicon Sector.
Write the three-cycle Enter Secured Silicon Sector Region command sequence, and then use the alternate
method of sector protection described in Sector Group Protection and Unprotection on page 41.
Once the Secured Silicon Sector is programmed, locked and verified, the system must write the Exit Secured
Silicon Sector Region command sequence to return to reading and writing within the remainder of the array.
Secured Silicon Sector
Address Range
Standard Factory
Locked
ExpressFlash
Factory Locked
Customer
Lockable
x16
x8
000000h–000007h
000000h-00000Fh
ESN
ESN or determined
by customer
Determined by
customer
000008h–00007Fh
000010h-0000FFh
Unavailable
Determined by
customer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com