Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL032A Datasheet(PDF) 59 Page - SPANSION

Part # S29GL032A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 59 Page - SPANSION

Back Button S29GL032A Datasheet HTML 55Page - SPANSION S29GL032A Datasheet HTML 56Page - SPANSION S29GL032A Datasheet HTML 57Page - SPANSION S29GL032A Datasheet HTML 58Page - SPANSION S29GL032A Datasheet HTML 59Page - SPANSION S29GL032A Datasheet HTML 60Page - SPANSION S29GL032A Datasheet HTML 61Page - SPANSION S29GL032A Datasheet HTML 62Page - SPANSION S29GL032A Datasheet HTML 63Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 95 page
background image
September 10, 2007 S29GL-A_00_A11
S29GL-A
59
Data
She e t
10. Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector erase command sequence is initiated by writing two
unlock cycles, followed by a set-up command. Two additional unlock cycles are written, and are then followed
by the address of the sector to be erased, and the sector erase command. Table 10.2 on page 61 and
Table 10.1 on page 62 shows the address and data requirements for the sector erase command sequence.
The device does not require the system to preprogram prior to erase. The Embedded Erase algorithm
automatically programs and verifies the entire memory for an all zero data pattern prior to electrical erase.
The system is not required to provide any controls or timings during these operations.
After the command sequence is written, a sector erase time-out of 50 µs occurs. During the time-out period,
additional sector addresses and sector erase commands may be written. Loading the sector erase buffer may
be done in any sequence, and the number of sectors may be from one sector to all sectors. The time between
these additional cycles must be less than 50 µs, otherwise erasure may begin. Any sector erase address and
command following the exceeded time-out may or may not be accepted. It is recommended that processor
interrupts be disabled during this time to ensure all commands are accepted. The interrupts can be
re-enabled after the last Sector Erase command is written. Any command other than Sector Erase or
Erase Suspend during the time-out period resets the device to the read mode. Note that the Secured
Silicon Sector, autoselect, and CFI functions are unavailable when an erase operation is in progress.
The system must rewrite the command sequence and any additional addresses and commands.
The system can monitor DQ3 to determine if the sector erase timer has timed out (See DQ3: Sector Erase
Timer on page 67). The time-out begins from the rising edge of the final WE# pulse in the command
sequence.
When the Embedded Erase algorithm is complete, the device returns to reading array data and addresses
are no longer latched. The system can determine the status of the erase operation by reading DQ7, DQ6, or
DQ2 in the erasing sector. Refer to Write Operation Status on page 63 for information on these status bits.
Once the sector erase operation begins, only the Erase Suspend command is valid. All other commands are
ignored. However, note that a hardware reset immediately terminates the erase operation. If that occurs, the
sector erase command sequence should be reinitiated once the device returns to reading array data, to
ensure data integrity.
Figure 10.1 illustrates the algorithm for the erase operation. Refer to Table 16.5 on page 76 for parameters,
and Figure 16.7 on page 80 for timing diagrams.
Figure 10.1 Erase Operation
Notes
1. See Table 10.2 on page 61 and Table 10.1 on page 62 for program command sequence.
2. See DQ3: Sector Erase Timer on page 67 for information on the sector erase timer.
START
Write Erase
Command Sequence
(Notes 1, 2)
Data Poll to Erasing
Bank from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com