Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL032A Datasheet(PDF) 60 Page - SPANSION

Part # S29GL032A
Description  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 60 Page - SPANSION

Back Button S29GL032A Datasheet HTML 56Page - SPANSION S29GL032A Datasheet HTML 57Page - SPANSION S29GL032A Datasheet HTML 58Page - SPANSION S29GL032A Datasheet HTML 59Page - SPANSION S29GL032A Datasheet HTML 60Page - SPANSION S29GL032A Datasheet HTML 61Page - SPANSION S29GL032A Datasheet HTML 62Page - SPANSION S29GL032A Datasheet HTML 63Page - SPANSION S29GL032A Datasheet HTML 64Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 95 page
background image
60
S29GL-A
S29GL-A_00_A11 September 10, 2007
Da ta
Sh e e t
10.1
Erase Suspend/Erase Resume Commands
The Erase Suspend command, B0h, allows the system to interrupt a sector erase operation and then read
data from, or program data to, any sector not selected for erasure. This command is valid only during the
sector erase operation, including the 50 µs time-out period during the sector erase command sequence. The
Erase Suspend command is ignored if written during the chip erase operation or Embedded Program
algorithm.
When the Erase Suspend command is written during the sector erase operation, the device requires a typical
of 5
μs (maximum of 20 μs) to suspend the erase operation. However, when the Erase Suspend command is
written during the sector erase time-out, the device immediately terminates the time-out period and suspends
the erase operation.
After the erase operation is suspended, the device enters the erase-suspend-read mode. The system can
read data from or program data to any sector not selected for erasure. (The device erase suspends all
sectors selected for erasure.) Reading at any address within erase-suspended sectors produces status
information on DQ7–DQ0. The system can use DQ7, or DQ6 and DQ2 together, to determine if a sector is
actively erasing or is erase-suspended. Refer to Write Operation Status on page 63 for information on these
status bits.
After an erase-suspended program operation is complete, the device returns to the erase-suspend-read
mode. The system can determine the status of the program operation using the DQ7 or DQ6 status bits, just
as in the standard word program operation. Refer to Write Operation Status on page 63 for more information.
In the erase-suspend-read mode, the system can also issue the autoselect command sequence. Refer to
Autoselect Mode on page 40 and Autoselect Command Sequence on page 53 sections for details.
To resume the sector erase operation, the system must write the Erase Resume command. Further writes of
the Resume command are ignored. Another Erase Suspend command can be written after the chip resumes
erasing.
Note
During an erase operation, this flash device performs multiple internal operations which are invisible to the
system. When an erase operation is suspended, any of the internal operations that were not fully completed
must be restarted. As such, if this flash device is continually issued suspend/resume commands in rapid
succession, erase progress is impeded as a function of the number of suspends. The result is a longer
cumulative erase time than without suspends. Note that the additional suspends do not affect device reliability
or future performance. In most systems rapid erase/suspend activity occurs only briefly. In such cases, erase
performance is not significantly impacted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com