Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94080 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC94080
Description  67mΩ RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF® Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC94080 Datasheet(HTML) 2 Page - Microchip Technology

  MIC94080 Datasheet HTML 1Page - Microchip Technology MIC94080 Datasheet HTML 2Page - Microchip Technology MIC94080 Datasheet HTML 3Page - Microchip Technology MIC94080 Datasheet HTML 4Page - Microchip Technology MIC94080 Datasheet HTML 5Page - Microchip Technology MIC94080 Datasheet HTML 6Page - Microchip Technology MIC94080 Datasheet HTML 7Page - Microchip Technology MIC94080 Datasheet HTML 8Page - Microchip Technology MIC94080 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Micrel, Inc.
MIC94080/1/2/3/4/5
January 2011
2
M9999-013111-D
Ordering Information
Part Number
Part Marking
Fast
Turn On
Soft-Start
Load
Discharge
Package
(1)
MIC94080YFT
C1
•
4-Pin 0.85mm x 0.85mm Thin MLF
®
MIC94081YFT
C2
•
•
4-Pin 0.85mm x 0.85mm Thin MLF
®
MIC94082YFT
C5
800µs
4-Pin 0.85mm x 0.85mm Thin MLF
®
MIC94083YFT
C7
800µs
•
4-Pin 0.85mm x 0.85mm Thin MLF
®
MIC94084YFT
C0
120µs
4-Pin 0.85mm x 0.85mm Thin MLF
®
MIC94085YFT
1C
120µs
•
4-Pin 0.85mm x 0.85mm Thin MLF
®
Notes:
1. Thin MLF
® is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
4-Pin (0.85mm x 0.85mm) Thin MLF
®
(Top View)
Example Showing Orientation of Part Marking
(Bottom View)
Pin Description
Pin Number
Pin Name
Pin Function
1
VOUT
Drain of P-Channel MOSFET.
2
GND
Ground should be connected to electrical ground.
3
VIN
Source of P-Channel MOSFET.
4
EN
Enable (Input): Active-high CMOS/TTL control input for switch. Internal ~2M
Ω Pull down resistor.
Output will be off if this pin is left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com