Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94080 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC94080
Description  67mΩ RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF® Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC94080 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC94080 Datasheet HTML 8Page - Microchip Technology MIC94080 Datasheet HTML 9Page - Microchip Technology MIC94080 Datasheet HTML 10Page - Microchip Technology MIC94080 Datasheet HTML 11Page - Microchip Technology MIC94080 Datasheet HTML 12Page - Microchip Technology MIC94080 Datasheet HTML 13Page - Microchip Technology MIC94080 Datasheet HTML 14Page - Microchip Technology MIC94080 Datasheet HTML 15Page - Microchip Technology MIC94080 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Micrel, Inc.
MIC94080/1/2/3/4/5
January 2011
13
M9999-013111-D
Application Information
Power Switch SOA
The safe operating area (SOA) curve represents the
boundary of maximum safe operating current and
maximum safe operating junction temperature.
Figure 1. SOA Graph
The curves above show the SOA for various VIN’s
mounted on a typical 1 layer, 1 square inch copper
board.
Power Dissipation Considerations
As with all power switches, the current rating of the
switch is limited mostly by the thermal properties of the
package and the PCB it is mounted on. There is a
simple ohms law type relationship between thermal
resistance, power dissipation and temperature, which
are analogous to an electrical circuit:
Figure 2. Simple Electrical Circuit
From this simple circuit we can calculate Vx if we know
Isource, Vz and the resistor values, Rxy and Ryz using
the equation:
() Vz
Ryz
Rxy
Isource
Vx
+
+
⋅
=
Thermal circuits can be considered using these same
rules and can be drawn similarly by replacing current
sources with power dissipation (in Watts), resistance
with thermal resistance (in ºC/W) and voltage sources
with temperature (in ºC).
Figure 3. Simple Thermal Circuit
Now replacing the variables in the equation for Vx, we
can find the junction temperature (TJ) from power
dissipation, ambient temperature and the known thermal
resistance of the PCB (R
θCA) and the package (RθJC).
TJ = PDISS x (RθJC + RθCA) + TA
PDISS is calculated as ISWITCH
2 x R
SWmax. RθJC is found in
the operating ratings section of the datasheet and R
θCA
(the PCB thermal resistance) values for various PCB
copper areas is discussed in the document “Designing
with Low Dropout Voltage Regulators” available from the
Micrel website (LDO Application Hints).
Example:
A switch is intended to drive a 1A load and is placed on
a printed circuit board which has a ground plane area of
at least 25mm by 25mm (625mm
2). The Voltage source
is a Li-ion battery with a lower operating threshold of 3V
and the ambient temperature of the assembly can be up
to 50ºC.
Summary of variables:
ISW = 1A
VIN = 3V to 4.2V
TA = 50
oC
R
θJC = 85ºC/W
R
θCA = 53ºC/W Read from Graph in Figure 4
Figure 4. Excerpt from the LDO Book



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com