Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94080 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC94080
Description  67mΩ RDSON 2A High Side Load Switch in 0.85mm x 0.85mm Thin MLF® Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC94080 Datasheet(HTML) 4 Page - Microchip Technology

  MIC94080 Datasheet HTML 1Page - Microchip Technology MIC94080 Datasheet HTML 2Page - Microchip Technology MIC94080 Datasheet HTML 3Page - Microchip Technology MIC94080 Datasheet HTML 4Page - Microchip Technology MIC94080 Datasheet HTML 5Page - Microchip Technology MIC94080 Datasheet HTML 6Page - Microchip Technology MIC94080 Datasheet HTML 7Page - Microchip Technology MIC94080 Datasheet HTML 8Page - Microchip Technology MIC94080 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel, Inc.
MIC94080/1/2/3/4/5
January 2011
4
M9999-013111-D
Electrical Characteristics (Dynamic)
TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94080, MIC94081
0.40
1.5
µs
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94082, MIC94083
200
600
1500
µs
tON_DLY
Turn-On Delay Time
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94084, MIC94085
65
110
165
µs
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94080, MIC94081
0.4
1.5
µs
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94082, MIC94083
400
800
1500
µs
tON_RISE
Turn-On Rise Time
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94084, MIC94085
65
120
175
µs
tOFF_DLY
Turn-Off Delay Time
VIN = +3.6V, ID = –100mA, VEN = 0V
60
200
ns
tOFF_FALL
Turn-Off Fall Time
VIN = +3.6V, ID = –100mA, VEN = 0V
20
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com