Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1C331MPD Datasheet(PDF) 3 Page - Nichicon corporation

Part # UPA1C331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPA1C331MPD Datasheet(HTML) 3 Page - Nichicon corporation

  UPA1C331MPD Datasheet HTML 1Page - Nichicon corporation UPA1C331MPD Datasheet HTML 2Page - Nichicon corporation UPA1C331MPD Datasheet HTML 3Page - Nichicon corporation UPA1C331MPD Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UPA
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
1 minute
)
20℃/
100kHz
-10℃/
100kHz
16
(1C)
330
8×11.5
0.16
158.4
0.090
0.18
630
UPA1C331MPD
390
8×11.5
0.16
187.2
0.090
0.18
630
UPA1C391MPD
470
10×12.5
0.16
225.6
0.063
0.126
900
UPA1C471MPD
680
8×15
0.16
326.4
0.062
0.124
860
UPA1C681MPD
680
10×12.5
0.16
326.4
0.063
0.126
900
UPA1C681MPD6
820
8×20
0.16
393.6
0.044
0.088
1220
UPA1C821MPD
820
10×16
0.16
393.6
0.049
0.098
1240
UPA1C821MPD6
1000
10×16
0.16
480
0.049
0.098
1240
UPA1C102MPD
1000
10×20
0.16
480
0.035
0.070
1490
UPA1C102MPD3
1200
10×20
0.16
576
0.035
0.070
1490
UPA1C122MPD
1500
10×25
0.16
720
0.033
0.066
1680
UPA1C152MPD
2200
12.5×20
0.18
1056
0.029
0.058
1890
UPA1C222MHD
2200
12.5×25
0.18
1056
0.022
0.044
2280
UPA1C222MHD3
2700
12.5×25
0.18
1296
0.022
0.044
2280
UPA1C272MHD
3300
12.5×30.5
0.20
1584
0.018
0.036
2720
UPA1C332MHD
3300
16×20
0.20
1584
0.026
0.052
2330
UPA1C332MHD6
3900
12.5×35.5
0.20
1872
0.016
0.032
2940
UPA1C392MHD
4700
16×25
0.22
2256
0.019
0.038
2760
UPA1C472MHD
4700
18×20
0.22
2256
0.025
0.050
2640
UPA1C472MHD6
5600
16×30.5
0.24
2688
0.017
0.035
2810
UPA1C562MHD
5600
18×25
0.24
2688
0.018
0.036
2850
UPA1C562MHD6
6800
18×25
0.26
3264
0.018
0.036
2850
UPA1C682MHD
25
(1E)
270
8×11.5
0.14
202.5
0.090
0.18
630
UPA1E271MPD
330
8×11.5
0.14
247.5
0.090
0.18
630
UPA1E331MPD
390
8×15
0.14
292.5
0.062
0.124
860
UPA1E391MPD
470
8×15
0.14
352.5
0.062
0.124
860
UPA1E471MPD
470
10×12.5
0.14
352.5
0.063
0.126
900
UPA1E471MPD6
560
8×20
0.14
420
0.044
0.088
1220
UPA1E561MPD
560
10×16
0.14
420
0.049
0.098
1240
UPA1E561MPD6
680
10×16
0.14
510
0.049
0.098
1240
UPA1E681MPD
820
10×20
0.14
615
0.035
0.070
1490
UPA1E821MPD
1000
10×25
0.14
750
0.033
0.066
1680
UPA1E102MPD
1000
12.5×20
0.14
750
0.029
0.058
1890
UPA1E102MHD3
1200
12.5×20
0.14
900
0.029
0.058
1890
UPA1E122MHD
1800
12.5×25
0.14
1350
0.022
0.044
2280
UPA1E182MHD
2200
12.5×30.5
0.16
1650
0.018
0.036
2720
UPA1E222MHD
2200
16×20
0.16
1650
0.026
0.052
2330
UPA1E222MHD6
2700
12.5×35.5
0.16
2025
0.016
0.032
2940
UPA1E272MHD
3300
16×25
0.18
2475
0.019
0.038
2760
UPA1E332MHD
3300
18×20
0.18
2475
0.025
0.050
2640
UPA1E332MHD6
4700
18×25
0.20
3525
0.018
0.036
2850
UPA1E472MHD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com