Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1C331MPD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPA1C331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPA1C331MPD Datasheet(HTML) 2 Page - Nichicon corporation

  UPA1C331MPD Datasheet HTML 1Page - Nichicon corporation UPA1C331MPD Datasheet HTML 2Page - Nichicon corporation UPA1C331MPD Datasheet HTML 3Page - Nichicon corporation UPA1C331MPD Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UPA
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
1 minute
)
20℃/
100kHz
-10℃/
100kHz
6.3
(0J)
560
8×11.5
0.22
105.84
0.090
0.18
630
UPA0J561MPD
680
8×11.5
0.22
128.52
0.090
0.18
630
UPA0J681MPD
1000
8×15
0.22
189
0.062
0.124
860
UPA0J102MPD
1000
10×12.5
0.22
189
0.063
0.126
900
UPA0J102MPD6
1200
10×12.5
0.22
226.8
0.063
0.126
900
UPA0J122MPD
1200
10×16
0.22
226.8
0.049
0.098
1240
UPA0J122MPD3
1500
8×20
0.22
283.5
0.044
0.088
1220
UPA0J152MPD
1500
10×16
0.22
283.5
0.049
0.098
1240
UPA0J152MPD6
1500
10×20
0.22
283.5
0.035
0.070
1490
UPA0J152MPD3
2200
10×20
0.24
415.8
0.035
0.070
1490
UPA0J222MPD
2200
10×25
0.24
415.8
0.033
0.066
1680
UPA0J222MPD3
2700
10×25
0.24
510.3
0.033
0.066
1680
UPA0J272MPD
3300
12.5×20
0.26
623.7
0.029
0.058
1890
UPA0J332MHD
3900
12.5×25
0.26
737.1
0.022
0.044
2280
UPA0J392MHD
4700
12.5×25
0.28
888.3
0.022
0.044
2280
UPA0J472MHD
5600
12.5×30.5
0.30
1058.4
0.018
0.036
2720
UPA0J562MHD
5600
16×20
0.30
1058.4
0.026
0.052
2330
UPA0J562MHD6
6800
12.5×35.5
0.32
1285.2
0.016
0.032
2940
UPA0J682MHD
8200
16×25
0.36
1549.8
0.019
0.038
2760
UPA0J822MHD
8200
18×20
0.36
1549.8
0.025
0.050
2640
UPA0J822MHD6
10000
16×30.5
0.40
1890
0.017
0.034
2810
UPA0J103MHD
10000
18×25
0.40
1890
0.018
0.036
2850
UPA0J103MHD6
10
(1A)
470
8×11.5
0.19
141
0.090
0.18
630
UPA1A471MPD
560
8×11.5
0.19
168
0.090
0.18
630
UPA1A561MPD
820
8×15
0.19
246
0.062
0.124
860
UPA1A821MPD
820
10×12.5
0.19
246
0.063
0.126
900
UPA1A821MPD6
1000
8×20
0.19
300
0.044
0.088
1220
UPA1A102MPD
1000
10×12.5
0.19
300
0.063
0.126
900
UPA1A102MPD6
1000
10×16
0.19
300
0.049
0.098
1240
UPA1A102MPD3
1200
8×20
0.19
360
0.044
0.088
1220
UPA1A122MPD
1200
10×16
0.19
360
0.049
0.098
1240
UPA1A122MPD6
1500
10×20
0.19
450
0.035
0.070
1490
UPA1A152MPD
1800
10×20
0.19
540
0.035
0.070
1490
UPA1A182MPD
1800
10×25
0.19
540
0.033
0.066
1680
UPA1A182MPD6
2200
10×25
0.21
660
0.033
0.066
1680
UPA1A222MPD
2200
12.5×20
0.21
660
0.029
0.058
1890
UPA1A222MHD3
2700
12.5×20
0.21
810
0.029
0.058
1890
UPA1A272MHD
3300
12.5×25
0.23
990
0.022
0.044
2280
UPA1A332MHD
3900
12.5×25
0.23
1170
0.022
0.044
2280
UPA1A392MHD
4700
12.5×30.5
0.25
1410
0.018
0.036
2720
UPA1A472MHD
4700
16×20
0.25
1410
0.026
0.052
2330
UPA1A472MHD6
5600
12.5×35.5
0.27
1680
0.016
0.032
2940
UPA1A562MHD
6800
16×25
0.29
2040
0.019
0.038
2760
UPA1A682MHD
8200
16×30.5
0.33
2460
0.017
0.034
2810
UPA1A822MHD
8200
18×25
0.33
2460
0.018
0.036
2850
UPA1A822MHD6
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com