Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1C331MPD Datasheet(PDF) 4 Page - Nichicon corporation

Part # UPA1C331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPA1C331MPD Datasheet(HTML) 4 Page - Nichicon corporation

  UPA1C331MPD Datasheet HTML 1Page - Nichicon corporation UPA1C331MPD Datasheet HTML 2Page - Nichicon corporation UPA1C331MPD Datasheet HTML 3Page - Nichicon corporation UPA1C331MPD Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
(105℃/100kHz)
Part Number
(
at 20℃ after
1 minute
)
20℃/
100kHz
-10℃/
100kHz
35
(1V)
180
8×11.5
0.12
189
0.090
0.18
630
UPA1V181MPD
270
8×15
0.12
283.5
0.062
0.124
860
UPA1V271MPD
270
10×12.5
0.12
283.5
0.063
0.126
900
UPA1V271MPD6
390
8×20
0.12
409.5
0.044
0.088
1220
UPA1V391MPD
390
10×16
0.12
409.5
0.049
0.098
1240
UPA1V391MPD6
560
10×20
0.12
588
0.035
0.070
1490
UPA1V561MPD
680
10×25
0.12
714
0.033
0.066
1680
UPA1V681MPD
820
12.5×20
0.12
861
0.029
0.058
1890
UPA1V821MHD
1000
12.5×20
0.12
1050
0.029
0.058
1890
UPA1V102MHD
1200
12.5×25
0.12
1260
0.022
0.044
2280
UPA1V122MHD
1500
12.5×30.5
0.12
1575
0.018
0.036
2720
UPA1V152MHD
1500
16×20
0.12
1575
0.026
0.052
2330
UPA1V152MHD6
1800
12.5×35.5
0.12
1890
0.016
0.032
2940
UPA1V182MHD
1800
16×20
0.12
1890
0.026
0.052
2330
UPA1V182MHD6
2200
16×25
0.14
2310
0.019
0.038
2760
UPA1V222MHD
2200
18×20
0.14
2310
0.025
0.050
2640
UPA1V222MHD6
2700
16×30.5
0.14
2835
0.017
0.035
2810
UPA1V272MHD
2700
18×25
0.14
2835
0.018
0.036
2850
UPA1V272MHD6
3300
18×30.5
0.16
3465
0.016
0.032
2910
UPA1V332MHD
UPA
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com