Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UKL1J331MHD Datasheet(PDF) 3 Page - Nichicon corporation

Part # UKL1J331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UKL1J331MHD Datasheet(HTML) 3 Page - Nichicon corporation

  UKL1J331MHD Datasheet HTML 1Page - Nichicon corporation UKL1J331MHD Datasheet HTML 2Page - Nichicon corporation UKL1J331MHD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UKL
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(85℃/120Hz)
Part Number
at 20℃ after
1 minute
at 20℃ after
2 minutes
35
(1V)
47
8×11.5
0.08
3.29
-
190
 UKL1V470MPD
68
8×11.5
0.08
4.76
-
230
 UKL1V680MPD
100
10×12.5
0.08
7
-
300
 UKL1V101MPD
150
10×16
0.12
-
10.5
400
 UKL1V151MPD
220
10×20
0.12
-
15.4
440
 UKL1V221MPD
330
12.5×20
0.12
-
23.1
550
 UKL1V331MHD
470
12.5×25
0.12
-
32.9
680
 UKL1V471MHD
680
16×25
0.12
-
47.6
840
 UKL1V681MHD
1000
16×25
0.12
-
70
1100
 UKL1V102MHD
1500
16×35.5
0.12
-
105
1390
 UKL1V152MHD
2200
18×35.5
0.14
-
154
1580
 UKL1V222MHD
50
(1H)
33
8×11.5
0.08
3.3
-
165
 UKL1H330MPD
47
8×11.5
0.08
4.7
-
190
 UKL1H470MPD
68
10×12.5
0.08
6.8
-
250
 UKL1H680MPD
100
10×16
0.10
-
10
320
 UKL1H101MPD
150
10×20
0.10
-
15
420
 UKL1H151MPD
220
12.5×20
0.10
-
22
490
 UKL1H221MHD
330
12.5×20
0.10
-
33
600
 UKL1H331MHD
470
16×25
0.10
-
47
760
 UKL1H471MHD
680
16×25
0.10
-
68
910
 UKL1H681MHD
1000
16×30.5
0.10
-
100
1140
 UKL1H102MHD
1500
18×40
0.10
-
150
1480
 UKL1H152MHD
63
(1J)
22
8×11.5
0.07
2.772
-
115
 UKL1J220MPD
33
8×11.5
0.07
4.158
-
170
 UKL1J330MPD
47
10×12.5
0.07
5.922
-
200
 UKL1J470MPD
68
10×16
0.08
-
8.568
270
 UKL1J680MPD
100
10×20
0.08
-
12.6
330
 UKL1J101MPD
150
12.5×20
0.08
-
18.9
450
 UKL1J151MHD
220
12.5×20
0.08
-
27.72
550
 UKL1J221MHD
330
12.5×25
0.08
-
41.58
710
 UKL1J331MHD
470
16×25
0.08
-
59.22
850
 UKL1J471MHD
680
16×30.5
0.08
-
85.68
1050
 UKL1J681MHD
1000
18×35.5
0.08
-
126
1330
 UKL1J102MHD
100
(2A)
10
8×11.5
0.07
2
-
90
 UKL2A100MPD
15
8×11.5
0.07
3
-
110
 UKL2A150MPD
22
10×12.5
0.07
4.4
-
136
 UKL2A220MPD
33
10×16
0.08
-
6.6
180
 UKL2A330MPD
47
10×20
0.08
-
9.4
220
 UKL2A470MPD
68
10×20
0.08
-
13.6
290
 UKL2A680MPD
100
12.5×20
0.08
-
20
370
 UKL2A101MHD
150
12.5×25
0.08
-
30
470
 UKL2A151MHD
220
16×25
0.08
-
44
580
 UKL2A221MHD
330
16×30.5
0.08
-
66
730
 UKL2A331MHD
470
18×35.5
0.08
-
94
910
 UKL2A471MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com