Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UKL1J331MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UKL1J331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UKL1J331MHD Datasheet(HTML) 2 Page - Nichicon corporation

  UKL1J331MHD Datasheet HTML 1Page - Nichicon corporation UKL1J331MHD Datasheet HTML 2Page - Nichicon corporation UKL1J331MHD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UKL
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(85℃/120Hz)
Part Number
at 20℃ after
1 minute
at 20℃ after
2 minutes
6.3
(0J)
470
10×12.5
0.18
5.922
-
390
 UKL0J471MPD
680
10×16
0.21
-
8.568
480
 UKL0J681MPD
1000
10×20
0.21
-
12.6
650
 UKL0J102MPD
1500
12.5×25
0.21
-
18.9
910
 UKL0J152MHD
2200
12.5×25
0.23
-
27.72
1060
 UKL0J222MHD
3300
16×25
0.25
-
41.58
1270
 UKL0J332MHD
4700
16×30.5
0.27
-
59.22
1500
 UKL0J472MHD
6800
18×35.5
0.31
-
85.68
1760
 UKL0J682MHD
10000
18×40
0.39
-
126
1900
 UKL0J103MHD
10
(1A)
150
8×11.5
0.15
3
-
250
 UKL1A151MPD
220
8×11.5
0.15
4.4
-
310
 UKL1A221MPD
330
10×12.5
0.15
6.6
-
400
 UKL1A331MPD
470
10×16
0.17
-
9.4
530
 UKL1A471MPD
680
10×20
0.17
-
13.6
600
 UKL1A681MPD
1000
12.5×20
0.17
-
20
810
 UKL1A102MHD
1500
12.5×25
0.17
-
30
1020
 UKL1A152MHD
2200
16×25
0.19
-
44
1200
 UKL1A222MHD
3300
16×30.5
0.21
-
66
1420
 UKL1A332MHD
4700
16×35.5
0.23
-
94
1650
 UKL1A472MHD
6800
18×35.5
0.27
-
136
1890
 UKL1A682MHD
16
(1C)
100
8×11.5
0.12
3.2
-
230
 UKL1C101MPD
150
8×11.5
0.12
4.8
-
280
 UKL1C151MPD
220
10×12.5
0.12
7.04
-
370
 UKL1C221MPD
330
10×16
0.14
-
10.56
420
 UKL1C331MPD
470
10×20
0.14
-
15.04
550
 UKL1C471MPD
680
12.5×20
0.14
-
21.76
730
 UKL1C681MHD
1000
12.5×25
0.14
-
32
910
 UKL1C102MHD
1500
16×25
0.14
-
48
1150
 UKL1C152MHD
2200
16×25
0.16
-
70.4
1300
 UKL1C222MHD
3300
16×35.5
0.18
-
105.6
1550
 UKL1C332MHD
4700
18×35.5
0.20
-
150.4
1820
 UKL1C472MHD
25
(1E)
68
8×11.5
0.08
3.4
-
230
 UKL1E680MPD
100
8×11.5
0.08
5
-
280
 UKL1E101MPD
150
10×12.5
0.08
7.5
-
370
 UKL1E151MPD
220
10×16
0.12
-
11
400
 UKL1E221MPD
330
10×20
0.12
-
16.5
490
 UKL1E331MPD
470
12.5×20
0.12
-
23.5
660
 UKL1E471MHD
680
12.5×25
0.12
-
34
810
 UKL1E681MHD
1000
16×25
0.12
-
50
1010
 UKL1E102MHD
1500
16×30.5
0.12
-
75
1270
 UKL1E152MHD
2200
16×35.5
0.14
-
110
1440
 UKL1E222MHD
3300
18×40
0.16
-
165
1720
 UKL1E332MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com