Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UKL1J331MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UKL1J331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UKL1J331MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UKL1J331MHD Datasheet HTML 1Page - Nichicon corporation UKL1J331MHD Datasheet HTML 2Page - Nichicon corporation UKL1J331MHD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UKL LowLeakageCurrent
Standard low leakage current series.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
※
Tangent of loss angle (tan δ)
stability at Low Temperature
Endurance
Performance Characteristics
Item
–40 to +85°C ( –40 to +105°C product is also available upon request, but product rated at up to 50V less than or equal to φ10 × 12.5 Lmm)
6.3 to 100V
10 to 10000µF
± 20% (M), ± 10% (K) at 120Hz 20°C
After 1 minute's (for case size 10 × 12.5 or smaller) or 2 minutes' (for case size 10 × 16 or larger) application of rated voltage at 20°C,
leakage current is not more than 0.002CV (µA).
120Hz, 20°C
120Hz
Values in ( ) applicable to
φ10 × 16 or larger case size.
Capacitance change
Leakage current
The specifications listed at right shall be met
when the capacitors are restored to 20°C
after the rated voltage is applied for 2000
hours at 85°C, or 1000 hours at 105°C.
Shelf Life
After storing the capacitors under no load at 85˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Marking
Printed with white color letter on black sleeve.
tan δ
Within ±15% of the initial capacitance value (6.3V : Within ±20%)
Less than or equal to the initial specified value
150% or less than the initial specified value
Z(–25°C) / Z(+20°C)
Z(–40°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio
(max.)
6.3
3 (4)
5 (8)
10
2 (3)
4 (6)
16
2
3 (4)
25
1.5
2 (4)
35
1.5
2 (3)
50
1.5
2 (3)
63
1.5
2 (3)
100
1.5
2 (3)
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Less than φ10 × 12.5
φ10 × 16 or more
Rated voltage (V)
tan δ (max.)
6.3
0.18
0.21
10
0.15
0.17
16
0.12
0.14
25
0.08
0.12
35
0.08
0.12
50
0.08
0.10
63
0.07
0.08
100
0.07
0.08
Radial Lead Type
Type numbering system (Example : 10V 150µF)
Pressure
relief vent
U
1
K
2
L
3
1
4
A
5
1
6
5
7
1
8
M
9
P
10
D
11
Configuration
Capacitance tolerance
(M : ±20%, K : ±10%)
Rated capacitance (150µF)
Rated voltage (10V)
Series name
Type
φD
P
8
3.5
10
5.0
12.5
5.0
16
7.5
18
7.5
φd
0.6
0.6
0.6
0.8
0.8
A
12
N
13
A
14
In case 105°C unit is required
L+ MAX.
(φ6.3up )
15MIN
4MIN
φd
(mm)
Sleeve (P.E.T.)
φ D
Pb-free leadwire
Pb-free PET sleeve
8 · 10
PD
12.5 to 18
HD
Configuration
2
2
1
1
Pressure
relief vent
U
1
K
2
L
3
1
4
A
5
1
6
5
7
1
8
M
9
P
10
D
11
Configuration
Capacitance tolerance
(M : ±20%, K : ±10%)
Rated capacitance (150µF)
Rated voltage (10V)
Series name
Type
φD
P
8
3.5
10
5.0
12.5
5.0
16
7.5
18
7.5
φd
0.6
0.6
0.6
0.8
0.8
A
12
N
13
A
14
In case 105°C unit is required
15min.
4min.
φd
L±1.5
(mm)
Sleeve (PET)
φ D
Pb-free leadwire
Pb-free PET sleeve
8 · 10
PD
12.5 to 18
HD
Configuration
2
2
1
1
Frequency coefficient of rated ripple current
Frequency
Cap.(µF)
10 to 68
100 to 680
1000 to 10000
50Hz
0.75
0.80
0.85
120Hz
1.00
1.00
1.00
300Hz
1.35
1.23
1.10
1kHz
1.57
1.34
1.13
10kHz or more
2.00
1.50
1.15
Dimension table in next page.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
UKL
Low Leakage
Current
UVR
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)
Products which are scheduled to be
discontinued.
Not recommended for new designs.


Similar Part No. - UKL1J331MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UKL1J221KHD NICHICON-UKL1J221KHD Datasheet
52Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UKL1J331MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com