Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABT8543 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54ABT8543
Description  SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54ABT8543 Datasheet(HTML) 2 Page - Texas Instruments

  SN54ABT8543 Datasheet HTML 1Page - Texas Instruments SN54ABT8543 Datasheet HTML 2Page - Texas Instruments SN54ABT8543 Datasheet HTML 3Page - Texas Instruments SN54ABT8543 Datasheet HTML 4Page - Texas Instruments SN54ABT8543 Datasheet HTML 5Page - Texas Instruments SN54ABT8543 Datasheet HTML 6Page - Texas Instruments SN54ABT8543 Datasheet HTML 7Page - Texas Instruments SN54ABT8543 Datasheet HTML 8Page - Texas Instruments SN54ABT8543 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SN54ABT8543, SN74ABT8543
SCAN TEST DEVICES WITH
OCTAL REGISTERED BUS TRANSCEIVERS
SCBS120E – AUGUST 1991 – REVISED JULY 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Data flow in each direction is controlled by latch-enable (LEAB and LEBA), chip-enable (CEAB and CEBA), and
output-enable (OEAB and OEBA) inputs. For A-to-B data flow, the device operates in the transparent mode
when LEAB and CEAB are both low. When either LEAB or CEAB is high, the A data is latched. The B outputs
are active when OEAB and CEAB are both low. When either OEAB or CEAB is high, the B outputs are in the
high-impedance state. Control for B-to-A data flow is similar to that for A-to-B, but uses LEBA, CEBA, and OEBA.
In the test mode, the normal operation of the SCOPE
™ registered bus transceiver is inhibited and the test
circuitry is enabled to observe and control the I/O boundary of the device. When enabled, the test circuitry
performs boundary-scan test operations as described in IEEE Standard 1149.1-1990.
Four dedicated test pins control the operation of the test circuitry: test data input (TDI), test data output (TDO),
test mode select (TMS), and test clock (TCK). Additionally, the test circuitry performs other testing functions
such as parallel-signature analysis (PSA) on data inputs and pseudo-random pattern generation (PRPG) from
data outputs. All testing and scan operations are synchronized to the TAP interface.
The SN54ABT8543 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74ABT8543 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE†
(normal mode, each register)
INPUTS
OUTPUT
CEAB
OEAB
LEAB
A
B
L
L
L
L
L
L
LL
H
H
L
LH
X
B0‡
L
HX
X
Z
H
X
X
X
Z
† A-to-B data flow is shown. B-to-A data flow is similar but
uses CEBA, OEBA, and LEBA.
‡ Output level before the indicated steady-state input
conditions were established



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com