Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABT8543 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN54ABT8543
Description  SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54ABT8543 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN54ABT8543 Datasheet HTML 9Page - Texas Instruments SN54ABT8543 Datasheet HTML 10Page - Texas Instruments SN54ABT8543 Datasheet HTML 11Page - Texas Instruments SN54ABT8543 Datasheet HTML 12Page - Texas Instruments SN54ABT8543 Datasheet HTML 13Page - Texas Instruments SN54ABT8543 Datasheet HTML 14Page - Texas Instruments SN54ABT8543 Datasheet HTML 15Page - Texas Instruments SN54ABT8543 Datasheet HTML 16Page - Texas Instruments SN54ABT8543 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
SN54ABT8543, SN74ABT8543
SCAN TEST DEVICES WITH
OCTAL REGISTERED BUS TRANSCEIVERS
SCBS120E – AUGUST 1991 – REVISED JULY 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
pseudo-random pattern generation (PRPG)
A pseudo-random pattern is generated in the shift-register elements of the selected BSCs on each rising edge
of TCK, updated in the shadow latches, and applied to the associated device output pins on each falling edge
of TCK. This data also is updated in the shadow latches of the selected input BSCs and applied to the inputs
of the normal on-chip logic. Figures 4 and 5 show the 16-bit linear-feedback shift-register algorithms through
which the patterns are generated. An initial seed value should be scanned into the BSR before performing this
operation. A seed value of all zeroes does not produce additional patterns.
=
A8-I
B8-O
A7-I
A6-I
A5-I
A4-I
A3-I
A2-I
A1-I
B7-O
B6-O
B5-O
B4-O
B3-O
B2-O
B1-O
Figure 4. 16-Bit PRPG Configuration (OEA = 0, OEB = 1)
=
B8-I
A8-O
B7-I
B6-I
B5-I
B4-I
B3-I
B2-I
B1-I
A7-O
A6-O
A5-O
A4-O
A3-O
A2-O
A1-O
Figure 5. 16-Bit PRPG Configuration (OEA=1, OEB= 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com