Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRO-FOLD Datasheet(PDF) 3 Page - IDEAL-TEK SA

Part # PRO-FOLD
Description  Scalpels and Blades
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

PRO-FOLD Datasheet(HTML) 3 Page - IDEAL-TEK SA

  PRO-FOLD Datasheet HTML 1Page - IDEAL-TEK SA PRO-FOLD Datasheet HTML 2Page - IDEAL-TEK SA PRO-FOLD Datasheet HTML 3Page - IDEAL-TEK SA PRO-FOLD Datasheet HTML 4Page - IDEAL-TEK SA PRO-FOLD Datasheet HTML 5Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Trimaway purposely designed as an economic throwaway knife (
blades are NOT interchangeable). It has a strong nylon-
based handle fitted with fixed surgical quality blades and comes complete with guard.
PCABS handle, easy blade fitment and removal with audible clicks to indicate the mid usage position and the rear safe position
for when the knife is not in use.
SMOR-II retractable handle is supplied with two SM01 SM blades and can also be used with SM01B SM, SM02 SM, SM03 SM,
SM03B SM and SM04 SM blades.
SMOR II Trimming Knife, retractable handle
Trimaway & Retractaway
SM01 SM
SM01B SM
SM03 SM
SM04 SM
SM02 SM
SM03B SM
4307SMOR SM
SMOR II handle with 2x SM01 blades - Made in Great Britain
Blades
For handle 4307SMOR SM - Made in Great Britain
2338 SM
Plastic Handle with 25A blade - Made in Great Britain
2331 SM
Plastic Handle with 310 SM blade - Made in Great Britain
2332 SM
Plastic Handle with 310A SM blade - Made in Great Britain
2333 SM
Plastic Handle with 311 SM blade - Made in Great Britain
2335 SM
Plastic Handle with 315 SM blade - Made in Great Britain
ideal-tek.com
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com