Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRO-FOLD Datasheet(PDF) 5 Page - IDEAL-TEK SA

Part # PRO-FOLD
Description  Scalpels and Blades
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

PRO-FOLD Datasheet(HTML) 5 Page - IDEAL-TEK SA

  PRO-FOLD Datasheet HTML 1Page - IDEAL-TEK SA PRO-FOLD Datasheet HTML 2Page - IDEAL-TEK SA PRO-FOLD Datasheet HTML 3Page - IDEAL-TEK SA PRO-FOLD Datasheet HTML 4Page - IDEAL-TEK SA PRO-FOLD Datasheet HTML 5Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Utility Blade
IND001A
Single edge steel back/spine blade. Fits KNIP126 single edge scraper
handle. Material: carbon
Length: 39 mm, width: 20 mm, thickness: 0.3 mm
Made in United States.
KNIP126 - Single edge scraper
Metal single edge scraper handle with 5x IND001A blades.
Designed to accommodate IND001A. Easy slide retractable action for
blade change. Made in Great Britain.
Industrial Trimming knives | Pro-fold
Trimming knife 4313 SM is a heavy-duty fixed-blade knife with a spring-loaded mechanism for easy opening of the handle for blade changing
or safe storage. Inside the handle there is a nylon holder for spare blades and each handle is supplied with 3x No. SM92 SM blades. The
trimming knife is supplied complete with a smart black holster which clips onto a belt or waistband. A full range of heavy-duty blades is
available.
SM52 SM
SM53 SM
SM91 SM
SM92 SM
SM92B SM
SM96 SM
SM96F SM
4313 SM
Fixed trimming knife with 3x SM92 SM blades - Made in Great Britain
Blades
For handle 4313 SM - Made in Great Britain
Robust heavy duty ABS plastic, easy grip. Secure stable and precision blade cutting, suitable for SM92 SM blade. Easy blade change. Loop
holder to accommodate a spiral lanyard, belt clip or key chain.
PRO-FOLD
Trimming knife with 1x SM92 SM blade - Made in Great Britain
Blade material: Carbon
PRO-FOLD
In closed position - Made in Great Britain
ideal-tek.com
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com