Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRO-FOLD Datasheet(PDF) 1 Page - IDEAL-TEK SA

Part # PRO-FOLD
Description  Scalpels and Blades
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

PRO-FOLD Datasheet(HTML) 1 Page - IDEAL-TEK SA

  PRO-FOLD Datasheet HTML 1Page - IDEAL-TEK SA PRO-FOLD Datasheet HTML 2Page - IDEAL-TEK SA PRO-FOLD Datasheet HTML 3Page - IDEAL-TEK SA PRO-FOLD Datasheet HTML 4Page - IDEAL-TEK SA PRO-FOLD Datasheet HTML 5Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A large selection of premium quality scalpels and blades - produced with precision and consistency, combining traditional blade
making skills with the latest technology. They are used in different industries from Mold cutting and Jewellery manufacture to
Printing and Artwork.
Handles
no. 3, 5A SM and 7 SM fit small fitment blades (310 SM, 310A SM, 311 SM, 312 SM, 313 SM, 314 SM, 315 SM).
Scalpels and Blades
418 SM
419 SM
420 SM
421 SM
422 SM
423 SM
424 SM
425 SM
426 SM
436ST SM
310 SM
310A SM
311 SM
312 SM
313ST SM
314 SM
315 SM
3
Handle only - Made in Germany
5A SM
Handle only (acrylic handle) - Made in Great Britain
7 SM
Handle only - Made in Great Britain
Small fitment blades
For handles 3, 5A SM, 7 SM - Made in Great Britain
4
Handle only - Made in Germany
6A SM
Handle only (acrylic handle) - Made in Great Britain
Larger fitment blades
For handles 4, 6A SM - Made in Great Britain
Handles
no. 4 and 6A SM fit large fitment blades (418 SM, 419 SM, 420 SM, 421 SM, 422 SM, 423 SM, 424 SM, 425 SM, 425A
SM, 426 SM, 436ST SM).
425A SM
ideal-tek.com
1


Similar Part No. - PRO-FOLD

ManufacturerPart #DatasheetDescription
logo
zencontrol
PRO-3 ZENCONTROL-PRO-3 Datasheet
446Kb / 2P
3-line DALI application controller pro
05 / 25 / 21 V 1.3
logo
Honeywell Solid State E...
PRO-411 HONEYWELL-PRO-411 Datasheet
72Kb / 2P
2 and 4 Zone Conventional Fire Alarm Control Panels
logo
Gamewell-FCI by Honeywe...
PRO-411 GAMEWELL-FCI-PRO-411 Datasheet
80Kb / 2P
Four-Zone Fire Alarm Control Panel
PRO-411 GAMEWELL-FCI-PRO-411 Datasheet
186Kb / 4P
Digital Alarm Communicator Transmitter
logo
List of Unclassifed Man...
PRO-50 ETC-PRO-50 Datasheet
143Kb / 1P
Anytime, Anywhere Compact Micro Butane Soldering Iron
More results

Similar Description - PRO-FOLD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4715TS ETC2-4715TS Datasheet
298Kb / 1P
Metal Blades Potting
5915PC ETC2-5915PC Datasheet
301Kb / 1P
Plastic Blades Potting
SM53 ETC2-SM53 Datasheet
2Mb / 3P
Professional Scalpels and Blades
logo
MRV Communications, Inc...
EMPMC-36IC MRV-EMPMC-36IC Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36RJ-C MRV-EMPMC-36RJ-C Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36SFP MRV-EMPMC-36SFP Datasheet
677Kb / 3P
Media Cross Connect Blades
logo
TOKYO SEIMITSU CO., LTD
HM ACCRETECH-HM Datasheet
420Kb / 2P
METAL BOND BLADES
logo
Lanner All Rights Reser...
HTCA-6200 LANNER-HTCA-6200 Datasheet
1Mb / 2P
High Availability Chassis 2U Telecom Network Appliance with 2 x86 CPU Blades and 2 I/O Blades
HTCA-6400 LANNER-HTCA-6400 Datasheet
698Kb / 2P
High Availability Chassis 4U Telecom Network Appliance with 4 x86 CPU Blades and 2x Switch blades for redundancy, Storage blades with 10x NVMe SSD or Network blades
HTCA-6600 LANNER-HTCA-6600 Datasheet
1Mb / 2P
High Availability Chassis 6U Telecom Network Appliance with 6 x86 CPU Blades and 6 I/O Blades
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com