Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH331 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH331
Description  SMT Multi TOPLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH331 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH331 Datasheet HTML 1Page - OSRAM GmbH SFH331 Datasheet HTML 2Page - OSRAM GmbH SFH331 Datasheet HTML 3Page - OSRAM GmbH SFH331 Datasheet HTML 4Page - OSRAM GmbH SFH331 Datasheet HTML 5Page - OSRAM GmbH SFH331 Datasheet HTML 6Page - OSRAM GmbH SFH331 Datasheet HTML 7Page - OSRAM GmbH SFH331 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH 331
SMT Multi TOPLED
®
2001-02-22
1
Wesentliche Merkmale
• SMT-Gehäuse mit rotem Sender (635 nm) und
Si-Fototransistor
• Geeignet für SMT-Bestückung
• Gegurtet lieferbar
• Sender und Empfänger getrennt ansteuerbar
• Geeignet für IR-Reflow Löten
Anwendungen
• Datenübertragung
• Wegfahrsperre
• Infrarotschnittstelle
Typ
Type
Bestellnummer
Ordering Code
SFH 331-JK
Q62702-P1634
Features
• SMT package with red emitter (635 nm) and
Si-phototransistor
• Suitable for SMT assembly
• Available on tape and reel
• Emitter and detector can be controlled
separately
• Suitable for IR-reflow soldering
Applications
• Data transmission
• Lock bar
• Infrared interface


Similar Part No. - SFH331

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH331 SIEMENS-SFH331 Datasheet
54Kb / 7P
SMT Multi TOPLED
logo
OSRAM GmbH
SFH3310 OSRAM-SFH3310 Datasheet
208Kb / 6P
Silicon NPN Phototransistor with V貫 Characteristics
More results

Similar Description - SFH331

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LOGT671 SIEMENS-LOGT671 Datasheet
486Kb / 7P
Multi TOPLED Bright Green Die
LSGT670 SIEMENS-LSGT670 Datasheet
491Kb / 8P
Multi TOPLED
LSPBT670 SIEMENS-LSPBT670 Datasheet
663Kb / 9P
Multi TOPLED
LSST670 SIEMENS-LSST670 Datasheet
490Kb / 8P
Multi TOPLED
SFH331 SIEMENS-SFH331 Datasheet
54Kb / 7P
SMT Multi TOPLED
logo
OSRAM GmbH
LSGT670 OSRAM-LSGT670 Datasheet
84Kb / 9P
Multi TOPLED
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
Multi TOPLED
logo
Wurth Elektronik GmbH &...
153283387A212 WURTH-153283387A212 Datasheet
1Mb / 9P
WL-SUTW SMT Ultraviolet TopLED Waterclear
001.000
153283397A212 WURTH-153283397A212 Datasheet
1Mb / 9P
WL-SUTW SMT Ultraviolet TopLED Waterclear
001.000
logo
ams AG
LPT670 AMSCO-LPT670 Datasheet
1Mb / 21P
TOPLED, SMT LED with integrated reflector.
Version 1.1 2018-04-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com